Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4013GS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4013GS
Description  High-Brightness High-Current Accuracy WLED Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4013GS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4013GS Datasheet HTML 1Page - Monolithic Power Systems MP4013GS Datasheet HTML 2Page - Monolithic Power Systems MP4013GS Datasheet HTML 3Page - Monolithic Power Systems MP4013GS Datasheet HTML 4Page - Monolithic Power Systems MP4013GS Datasheet HTML 5Page - Monolithic Power Systems MP4013GS Datasheet HTML 6Page - Monolithic Power Systems MP4013GS Datasheet HTML 7Page - Monolithic Power Systems MP4013GS Datasheet HTML 8Page - Monolithic Power Systems MP4013GS Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EV4013-S-00A, HIGH-BRIGHTNESS HIGH-ACCURACY WLED CONTROLLER
EV4013-S-00A Rev. 1.0
www.MonolithicPower.com
3
11/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
BILL OF MATERIALS
Qty Designator
Value
Description
Package Manufacture Manufacture_PN
1
C1
10uF/250V Capacitor;250V;20%
DIP
Panasonic
ECA-2EM100
3
C2,C3,C15
NS
1
C4
47uF/100V Capacitor;100V;20%
DIP
Panasonic
ECA-2AM470
1
C5
2.2uF/100V
Ceramic
Capacitor;100V;X7R;1210;
1210
muRata
GRM32ER72A225KA35L
1
C6
2.2uF/50V
Ceramic
Capacitor;50V;X7R;1206;
1206
muRata
GRM31CR71H225KA88L
1
C7
100pF
Ceramic
Capacitor;50V;C0G;0603
0603
TDK
C1608COG1H101J
5
C8, C10,
C11, C12,
C14
1nF
Ceramic
Capacitor;50V;X7R;0603;
0603
TDK
C1608X7R1H102K
1
C9
100nF
Ceramic
Capacitor;50V;X7R;0603;
0603
muRata
GRM188R71H333KA61D
1
C13
1uF
Ceramic
Capacitor;10V;X7R;0603
0603
LION
0603B105K100T
1
C16
33nF
Ceramic
Capacitor;16V;X7R;0603;
0603
muRata
GRM188R71C333KAO1D
1
D1
WUGP20G Diode;400V;2A
DO-
204AC
ZOWIE
WUGP20G
1
D2
NS
1
D3
1N4148W
Diode;75V;0.15A;
SOD-123
Diodes
1N4148W
1
L1
330uH/EFD20EFD20,60 turns,
EFD20
Emei
FX371
1
M1
200V/18A
Mosfet;200V;170/10V;19;1
8
TO-220
APEC
AP18N20GP
1
M2
600V/2A
Mosfet;600V;3.9/10V;7;2
TO-252
Auk
SMK0260D
1
R1
300K
Film Resistor;1%;
1206
Yageo
RC1206FR-07300KL
3
R2,R12,R23
NS
1
R3
10K
Film Resistor;1%;
0603
Yageo
RC0603FR-0710KL
1
R4
249K
Film Resistor;1%;
0603
Yageo
RC0603FR-07249KL
1
R5
9.31K
Film Resistor;1%;
0603
Yageo
RC0603FR-079K31L
1
R6
100
Film Resistor;1%;
0603
Yageo
RC0603FR-07100RL
3
R7, R18,
R20
20K
Film Resistor;1%;1/10W;
0603
Yageo
RC0603FR-0720KL
2
R8, R14
200m
Film Resistor;1%
1206
Yageo
RL1206FR-070R2L
1
R9
7.68K
Film Resistor;1%
0603
Yageo
RC0603FR-077K68L
2
R10, R11
4.99
Film Resistor;1%
1206
Yageo
RC1206FR-074R99L
1
R13
20
Film Resistor;5%;1/10W
0603
LIZ
CR0603JA0200G
1
R15
560K
Film Resistor;1%;
0603
Yageo
RC0603FR-07560KL
5
R16, R17,
R19, R22,
R24
2K
Film Resistor;5%;1/10W
0603
LIZ
CR0603JA0202G
1
R21
100K
Film Resistor;1%;
0603
Yageo
RC0603FR-07100KL
1
JR1
0
Film Resistor;5%
1206
Yageo
RC1206JR-070RL
1
U1
MP4013
WLED Controller
SOIC-16
MPS
MP4013



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com