Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4013GS Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP4013GS
Description  High-Brightness High-Current Accuracy WLED Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4013GS Datasheet(HTML) 9 Page - Monolithic Power Systems

  MP4013GS Datasheet HTML 1Page - Monolithic Power Systems MP4013GS Datasheet HTML 2Page - Monolithic Power Systems MP4013GS Datasheet HTML 3Page - Monolithic Power Systems MP4013GS Datasheet HTML 4Page - Monolithic Power Systems MP4013GS Datasheet HTML 5Page - Monolithic Power Systems MP4013GS Datasheet HTML 6Page - Monolithic Power Systems MP4013GS Datasheet HTML 7Page - Monolithic Power Systems MP4013GS Datasheet HTML 8Page - Monolithic Power Systems MP4013GS Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EV4013-S-00A, HIGH-BRIGHTNESS HIGH-ACCURACY WLED CONTROLLER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV4013-S-00A Rev. 1.0
www.MonolithicPower.com
9
11/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
QUICK START GUIDE
1. Preset the LED string forward voltage to 60-150V, connect the anode of LED string to ‘LED+’
and the cathode of LED string to ‘LED-’;
2. Preset the PVIN supply voltage to 36-60V, turn off the power supply, connect the power supply
to ‘PVIN’;
3. Preset the VIN supply voltage 8-26V, turn off the power supply, connect the power supply to
‘VIN’;
4. Connect the ‘EN’ connector to enable signal; the high level of EN signal is at the range of 1.5V-
5V, the low level is at the range of 0-0.8V;
5. Connect the ‘PWM’ connector to the PWM dimming signal; the high level of PWM signal is in
the range of 1.5V-5V, and the low level is in the range of 0-0.8V;
6. Connect the ‘ADIM’ connector to the DC input analog dimming signal; set the analog dimming
signal 2.34V for full scale LED current;
7. Turn on PVIN supply, turn on VIN supply, set PWM signal and ADIM signal to high level; turn on
EN signal, the LED string should be ignited.
8. To demo the PWM dimming function: connect the ‘PWM’ connector to an PWM signal; the
frequency of the PWM signal is in the range of 100Hz to 2kHz, the high level of the PWM signal
is 1.5V-5V and low level is 0-0.8V. Adjust the duty of the PWM signal; the LED current will follow
the duty of the PWM dimming signal.
9. To demo the DC-input analog dimming, ramp down the voltage of ADIM signal from 2.34V to
minimum (0V), the LED current amplitude will ramp down from full scale to minimum. The
“ADIM_P” connector should be left open here.
10. To demo pulse-input analog dimming; leave the ‘ADIM’ connector open, connect ‘ADIM_P’
connector with a pulse signal, the frequency of the pulse signal higher than 10kHz, the high
level higher than 1.5V and low level lower than 0.8V; Adjust the duty of the pulse signal from
100% to minimum, the LED current amplitude will decrease from full scale to minimum.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com