Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6902
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6902 Datasheet HTML 2Page - Linear Technology LTC6902 Datasheet HTML 3Page - Linear Technology LTC6902 Datasheet HTML 4Page - Linear Technology LTC6902 Datasheet HTML 5Page - Linear Technology LTC6902 Datasheet HTML 6Page - Linear Technology LTC6902 Datasheet HTML 7Page - Linear Technology LTC6902 Datasheet HTML 8Page - Linear Technology LTC6902 Datasheet HTML 9Page - Linear Technology LTC6902 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM4632
6
4632fc
For more information www.linear.com/LTM4632
VIN = 12V
VOUT = 1.8V
fS = 1MHz
IOUT = 3A
INPUT CAPACITOR = 1 × 22µF CERAMIC
OUTPUT CAPACITOR = 1 × 47µF CERAMIC
SOFT-START CAPACITOR = 0.1µF
VOUT
1V/DIV
IIN
0.5A/DIV
SW
10V/DIV
4632 G10
20ms/DIV
VIN = 12V
VOUT = 1.8V
fS = 1MHz
IOUT = 0A
INPUT CAPACITOR = 1 × 22µF CERAMIC
OUTPUT CAPACITOR = 1 × 47µF CERAMIC
VOUT
1V/DIV
IIN
2A/DIV
SW
10V/DIV
4632 G13
20µs/DIV
VIN = 12V
VOUT = 1.8V
fS = 1MHz
IOUT = 0A
INPUT CAPACITOR = 1 × 22µF CERAMIC
OUTPUT CAPACITOR = 1 × 47µF CERAMIC
VOUT
1V/DIV
IIN
2A/DIV
SW
10V/DIV
4632 G11
20µs/DIV
VIN = 12V
VOUT = 1.8V
fS = 1MHz
IOUT = 0A
INPUT CAPACITOR = 1 × 22µF CERAMIC
OUTPUT CAPACITOR = 1 × 47µF CERAMIC
VOUT
AC-COUPLED
50mV/DIV
SW
5V/DIV
4632 G14
1µs/DIV
VIN = 12V
VOUT = 1.8V
fS = 1MHz
IOUT = 3A
INPUT CAPACITOR = 1 × 22µF CERAMIC
OUTPUT CAPACITOR = 1 × 47µF CERAMIC
VOUT
1V/DIV
IIN
2A/DIV
SW
10V/DIV
4632 G12
20µs/DIV
VIN = 12V
VOUT = 1.8V
fS = 1MHz
IOUT = 0A
INPUT CAPACITOR = 1 × 22µF CERAMIC
OUTPUT CAPACITOR = 1 × 47µF CERAMIC
VOUT
1V/DIV
RUN
10V/DIV
SW
5V/DIV
4632 G15
50ms/DIV
TYPICAL PERFORMANCE CHARACTERISTICS
Recover from Short-Circuit with
No Load Current Applied
Steady-State Output Voltage
Ripple
Start-Up Into Pre-Biased Output
Start-Up with 3A Load Current
Applied
Short-Circuit with No Load
Current Applied
Short-Circuit with 3A Load
Current Applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com