Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC6902
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC6902 Datasheet HTML 15Page - Linear Technology LTC6902 Datasheet HTML 16Page - Linear Technology LTC6902 Datasheet HTML 17Page - Linear Technology LTC6902 Datasheet HTML 18Page - Linear Technology LTC6902 Datasheet HTML 19Page - Linear Technology LTC6902 Datasheet HTML 20Page - Linear Technology LTC6902 Datasheet HTML 21Page - Linear Technology LTC6902 Datasheet HTML 22Page - Linear Technology LTC6902 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTM4632
19
4632fc
For more information www.linear.com/LTM4632
APPLICATIONS INFORMATION
Table 2. 1.0V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 12, 13
5, 12
Figure 9
0
None
19 to 20
Figures 12, 13
5, 12
Figure 9
200
None
18 to 19
Figures 12, 13
5, 12
Figure 9
400
None
17 to 18
Table 3. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 14, 15
5, 12
Figure 10
0
None
19 to 20
Figures 14, 15
5, 12
Figure 10
200
None
18 to 19
Figures 14, 15
5, 12
Figure 10
400
None
17 to 18
Table 4. 2.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 16, 17
5, 12
Figure 11
0
None
19 to 20
Figures 16, 17
5, 12
Figure 11
200
None
18 to 19
Figures 16, 17
5, 12
Figure 11
400
None
17 to 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com