Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC6902
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC6902 Datasheet HTML 19Page - Linear Technology LTC6902 Datasheet HTML 20Page - Linear Technology LTC6902 Datasheet HTML 21Page - Linear Technology LTC6902 Datasheet HTML 22Page - Linear Technology LTC6902 Datasheet HTML 23Page - Linear Technology LTC6902 Datasheet HTML 24Page - Linear Technology LTC6902 Datasheet HTML 25Page - Linear Technology LTC6902 Datasheet HTML 26Page - Linear Technology LTC6902 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTM4632
23
4632fc
For more information www.linear.com/LTM4632
APPLICATIONS INFORMATION
40.2k
4632 F21
22µF
6.3V
VIN
3.1V TO 3.5V RAIL
VDDQ
1.5V, 3A
22µF
4V
22µF
4V
VOUT1
VTT
0.75V, ±3A
VTTR
0.75V, 10mA
VOUT2
FB1
VTTR
COMP2
COMP1
VDDQIN
VDDQ
GND
LTM4632
PGOOD1 PGOOD2
VIN
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
22µF
25V
VIN
3.6V TO 15V RAIL
VDDQ
1.2V, 6A
VTT
0.6V, ±6A
VTTR
0.6V, 10mA
1µF
VOUT1
VOUT2
FB1
VTTR
COMP1
COMP2
VDDQIN
GND
LTM4632
PGOOD1 PGOOD2
VIN
RUN1
RUN2
INTVCC
INTVCC
INTVCC
SYNC/MODE
TRACK/SS1
4632 F22
VOUT1
VOUT2
COMP1
VTTR
FB1
VDDQIN
VDDQ
GND
LTM4632
PGOOD1 PGOOD2
VIN
RUN1
RUN2
INTVCC
30.2k
10
9
8
7
6
1
2
3
4
5
SYNC/MODE
TRACK/SS1
COMP2
SET
MOD
OUT3
GND
OUT4
LTC6902
33.2k
V+
DIV
OUT2
PH
OUT1
22µF
4V
22µF
4V
Figure 21. 3.3V Input, 1.5V/3A VDDQ, 0.75V/±3A VTT and 10mA VTTR Design
Figure 22. Two Module in Parallel, 3.6V to 15V Input, 1.2V/6A VDDQ, 0.6V/±6A VTT and 10mA VTTR Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com