Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6902
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 1 Page - Linear Technology

  LTC6902 Datasheet HTML 1Page - Linear Technology LTC6902 Datasheet HTML 2Page - Linear Technology LTC6902 Datasheet HTML 3Page - Linear Technology LTC6902 Datasheet HTML 4Page - Linear Technology LTC6902 Datasheet HTML 5Page - Linear Technology LTC6902 Datasheet HTML 6Page - Linear Technology LTC6902 Datasheet HTML 7Page - Linear Technology LTC6902 Datasheet HTML 8Page - Linear Technology LTC6902 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM4632
1
4632fc
For more information www.linear.com/LTM4632
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Ultrathin, Triple Output,
Step-Down µModule Regulator
for DDR-QDR4 Memory
The LTM®4632 is an ultrathin triple output step-down
µModule® (power module) regulator to provide complete
power solution for DDR-QDR4 SRAM. Operating from a
3.6V to 15V input voltage, the LTM4632 supports two ±3A
output rails, both sink and source capable, for VDDQ and
VTT, plus a 10mA low noise reference VTTR output. Both
VTT and VTTR track and are equal to VDDQ/2. Housed
in a 6.25mm × 6.25mm × 1.82mm LGA and 6.25mm ×
6.25mm × 2.42mm BGA packages, the LTM4632 includes
the switching controller, power FETs, inductors and sup-
port components. Alternatively, the power module can
also be configured as a two phase single ±6A output
VTT. Only a few ceramic input and output capacitors are
needed to complete the design.
The LTM4632 supports selectable Burst Mode operation
(CH1 only) and output voltage tracking for supply rail
sequencing. Its high switching frequency and current
mode control enable a very fast transient response to
line and load changes without sacrificing stability.
Fault protection features include overvoltage input, over-
current and overtemperature protection.
The LTM4632 is available with SnPb (BGA) or RoHS com-
pliant terminal finish
QDR4 Memory Power µModule Regulator
Output Efficiency vs Load Current
n
Complete DDR-QDR4 SRAM Power Solution
Including VDDQ, VTT, VTTR (or VREF)
n
Solution in 0.5cm2 (Dual-Sided PCB)
n
Wide Input Voltage Range: 3.6V to 15V
n
3.3V Input Compatible with VIN Tied to INTVCC
n
0.6V to 2.5V Output Voltage Range
n
Dual ±3A DC Output Current with Sink and Source
Capability
n
±1.5%, ±10mA Buffered VTTR = VDDQ/2 Output
n
3A VDDQ + 3A VTT or Dual Phase Single 6A VTT
n
±1.5% Maximum Total Output Voltage Regulation
Error Over Load, Line and Temperature
n
Current Mode Control, Fast Transient Response
n
External Frequency Synchronization
n
Multiphase Parallelable with Current Sharing
n
Selectable Burst Mode® Operation
n
Overvoltage Input and Overtemperature Protection
n
Power Good Indicator
n
Ultrathin 6.25mm × 6.25mm × 1.82mm LGA and
6.25mm × 6.25mm × 2.42mm BGA Packages
L
, LT, LTC, LTM, µModule, Burst Mode, Linear Technology and the Linear logo are registered
trademarks of Analog Devices, Inc. All other trademarks are the property of their respective owners.
52.3k
VDDQ
4632 TA01a
10µF
25V
VIN
3.6V TO 15V
VDDQ
1.3V, 3A
22µF
4V
22µF
4V
VOUT1
VTT
0.65V, ±3A
VTTR
0.65V, 10mA
VOUT2
COMP1
VTTR
FB1
GND
LTM4632
PGOOD1 PGOOD2
VIN
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
VDDQIN
COMP2
LOAD CURRENT (A)
0
65
90
80
75
70
85
95
2
3
1
4632 TA01b
12V INPUT
5V INPUT
APPLICATIONS
n
DDR Memory Power Supply
n
General Purpose Point-of-Load Conversion
n
Telecom, Networking and Industrial Equipment


Similar Part No. - LTC6902

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
logo
Analog Devices
LTC6902 AD-LTC6902 Datasheet
643Kb / 14P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
Rev. D
LTC6902 AD-LTC6902 Datasheet
575Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
Rev. C
logo
Linear Technology
LTC6902CMS LINER-LTC6902CMS Datasheet
212Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6902IMS LINER-LTC6902IMS Datasheet
212Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
More results

Similar Description - LTC6902

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
Triple Output Step-Down Switching Regulator
A4491EESTR-T ALLEGRO-A4491EESTR-T Datasheet
397Kb / 16P
Triple Output Step-Down Switching Regulator
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
Triple Output Step-Down Switching Regulator
logo
Linear Technology
LTM4622 LINER-LTM4622_15 Datasheet
774Kb / 26P
Dual Ultrathin 2.5A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
LTM4622 LINER-LTM4622 Datasheet
451Kb / 28P
Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
LTM4622EV LINER-LTM4622EV Datasheet
691Kb / 6P
Ultrathin Dual 2.5A, Single 5A Step-Down 關Module Regulator
LTM4632EV LINER-LTM4632EV Datasheet
515Kb / 8P
Ultrathin 關Module Regulator for DDR-QDR4 Memory VDDQ, VTT and VREF
LTM4644EY LINER-LTM4644EY Datasheet
436Kb / 6P
Quad 4A Output Step-Down 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com