Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6902
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 5 Page - Linear Technology

  LTC6902 Datasheet HTML 1Page - Linear Technology LTC6902 Datasheet HTML 2Page - Linear Technology LTC6902 Datasheet HTML 3Page - Linear Technology LTC6902 Datasheet HTML 4Page - Linear Technology LTC6902 Datasheet HTML 5Page - Linear Technology LTC6902 Datasheet HTML 6Page - Linear Technology LTC6902 Datasheet HTML 7Page - Linear Technology LTC6902 Datasheet HTML 8Page - Linear Technology LTC6902 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM4632
5
4632fc
For more information www.linear.com/LTM4632
TYPICAL PERFORMANCE CHARACTERISTICS
1V Output Transient Response
1.2V Output Transient Response
1.5V Output Transient Response
1.8V Output Transient Response
2.5V Output Transient Response
Start-Up with No Load Current
Applied
Efficiency vs Load Current at
3.6VIN
Efficiency vs Load Current at 5VIN
Efficiency vs Load Current at
12VIN
LOAD CURRENT (A)
0
100
95
85
90
80
70
75
65
60
1.0
0.5
2.0
4632 G01
3.0
1.5
2.5
1VOUT
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
LOAD CURRENT (A)
0
100
95
85
90
80
70
75
65
60
1.0
0.5
2.0
4632 G02
3.0
1.5
2.5
1VOUT
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
LOAD CURRENT (A)
0
100
95
85
90
80
70
75
65
60
1.0
0.5
2.0
4632 G03
3.0
1.5
2.5
1VOUT
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
VIN = 12V
VOUT = 1V
fS = 1MHz
OUTPUT CAPACITOR = 1 × 47µF CERAMIC
LOAD STEP = 2.25A TO 3A
LOAD STEP
1A/DIV
VOUT
AC-COUPLED
50mV/DIV
4632 G04
20µs/DIV
VIN = 12V
VOUT = 1.8V
fS = 1MHz
OUTPUT CAPACITOR = 1 × 47µF CERAMIC
LOAD STEP = 2.25A TO 3A
LOAD STEP
1A/DIV
VOUT
AC-COUPLED
50mV/DIV
4632 G07
20µs/DIV
VIN = 12V
VOUT = 1.2V
fS = 1MHz
OUTPUT CAPACITOR = 1 × 47µF CERAMIC
LOAD STEP = 2.25A TO 3A
LOAD STEP
1A/DIV
VOUT
AC-COUPLED
50mV/DIV
4632 G05
20µs/DIV
VIN = 12V
VOUT = 2.5V
fS = 1MHz
OUTPUT CAPACITOR = 1 × 47µF CERAMIC
LOAD STEP = 2.25A TO 3A
LOAD STEP
1A/DIV
VOUT
AC-COUPLED
50mV/DIV
4632 G08
20µs/DIV
VIN = 12V
VOUT = 1.5V
fS = 1MHz
OUTPUT CAPACITOR = 1 × 47µF CERAMIC
LOAD STEP = 2.25A TO 3A
LOAD STEP
1A/DIV
VOUT
AC-COUPLED
50mV/DIV
4632 G06
20µs/DIV
VIN = 12V
VOUT = 1.8V
fS = 1MHz
IOUT = 0A
INPUT CAPACITOR = 1 × 22µF CERAMIC
OUTPUT CAPACITOR = 1 × 47µF CERAMIC
SOFT-START CAPACITOR = 0.1µF
VOUT
1A/DIV
IIN
0.5A/DIV
SW
10V/DIV
4632 G09
20µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com