Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27LC040 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT27LC040
Description  CMOS 512K 8-Bit OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC040 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT27LC040 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HT27LC040
Rev. 1.30
5
December 8, 2003
Program Verify Mode
Verification should be performed on the programmed
bits to determine whether they were correctly pro-
grammed. The verification should be performed with OE
at VIL, and CE at VIH, and VPP at its programming volt-
age.
Auto Product Identification
The Auto Product Identification mode allows the reading
out of a binary code from an EPROM that will identify its
manufacturer and the type. This mode is intended for
programming to automatically match the device to be
programmed with its corresponding programming algo-
rithm. This mode is functional in the 25
°C±5°C ambient
temperature range that is required when programming
the HT27LC040.
To activate this mode, the programming equipment
must force 12.0
±0.5V on the address line A9 of the
HT27LC040. Two identifier bytes may then be se-
quenced from the device outputs by toggling address
line A0 from VIL to VIH, when A1=VIH. All other address
lines must be held at VIH during Auto Product Identifica-
tion mode.
Byte 0 (A0=VIL) represents the manufacturer code, and
byte 1 (A0=VIH), the device code. For HT27LC040,
these two identifier bytes are given in the Operation
mode truth table. When A1=VIL, the HT27LC040 will
read out the binary code of 7F, continuation code, to sig-
nify the unavailability of manufacturer ID codes.
Read Mode
The has two control functions, both of which must be
logically satisfied in order to obtain data at outputs. Chip
Enable (CE) is the power control and should be used for
device selection. Output Enable (OE) is the output con-
trol and should be used to gate data to the output pins,
independent of device selection. Assuming that ad-
dresses are stable, address access time (tACC) is equal
to the delay from CE to output (tCE). Data is available at
the outputs (tOE) after the falling edge of OE, assuming
the CE has been LOW and addresses have been stable
for at least tACC-tOE.
Standby Mode
The HT27LC040 has CMOS standby mode which re-
duces the maximum VCC current to 10
mA. It is placed in
CMOS standby when CE is at VCC
±0.3V. The
HT27LC040 also has a TTL-standby mode which re-
duces the maximum VCC current to 0.6mA. It is placed
in TTL-standby when CE is at VIH. When in standby
mode, the outputs are in a high-impedance state, inde-
pendent of the OE input.
Two-line Output Control Function
To accommodate multiple memory connections, a
two-line control function is provided to allow for:
· Low memory power dissipation
· Assurance that output bus contention will not occur
It is recommended that CE be decoded and used as the
primary device-selection function, while OE be made a
common connection to the READ line from the system
control bus. This assures that all deselected memory
devices are in their low-power standby mode and that
the output pins are only active when data is desired from
a particular memory device.
System Considerations
During the switch between active and standby condi-
tions, transient current peaks are produced on the rising
and falling edges of Chip Enable. The magnitude of
these transient current peaks is dependent on the out-
put capacitance loading of the device. At a minimum, a
0.1
mF ceramic capacitor (high frequency, low inherent
inductance) should be used on each device between
VCC and VPP to minimize transient effects. In addition,
to overcome the voltage drop caused by the inductive
effects of the printed circuit board traces on EPROM ar-
rays, a 4.7
mF bulk electrolytic capacitor should be used
between VCC and VPP for each eight devices. The lo-
cation of the capacitor should be close to where the
power supply is connected to the array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com