Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27LC040 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT27LC040
Description  CMOS 512K 8-Bit OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC040 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT27LC040 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 9Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 10Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HT27LC040
Rev. 1.30
7
December 8, 2003
O E
C E
A d d r e s s
D a t a I n
t A S
t V C S
t D S
t V P S
t D H
t A H
t D F P
D a t a
V C C
V P P
V I H
V I L
V I H
V I L
6 . 0 V
5 . 0 V
1 2 . 5 V
5 . 0 V
t P R T
P r o g r a m
R e a d
( V e r i f y )
t O E
D a t a O u t
V a l i d
A d d r e s s S t a b l e
V I H
V I L
t P W
t O E S
V I H
V I L
Figure 2. Programming Waveforms
S T A R T
A d d r e s s = F i r s t L o c a t i o n
V C C = 6 . 0 V
V P P = 1 2 . 5 V
P r o g r a m o n e 7 5 s P u l s e
X = 2 0 ?
V e r i f y
B y t e ?
V C C = V P P = 3 . 3 V
V e r i f y a l l
B y t e s ?
X = 0
I n c r e m e n t X
Y e s
N o
F a i l
L a s t
A d d r e s s
D e v i c e P a s s e d
P a s s
D e v i c e F a i l e d
N o
I n c r e m e n t A d d r e s s
F a i l
F a i l
P a s s
Y e s
V e r i f y
S e c t i o n
I n t e r a c t i v e
S e c t i o n
N o t e : E i t h e r 1 0 5 s o r 3 0 s p u l s e .
m
m
m
Figure 3. Fast Programming Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com