Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27LC040 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT27LC040
Description  CMOS 512K 8-Bit OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC040 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT27LC040 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HT27LC040
CMOS 512K´8-Bit OTP EPROM
Block Diagram
Rev. 1.30
1
December 8, 2003
Features
· Operating voltage: +3.3V
· Programming voltage
- VPP=12.5V±0.2V
- VCC=6.0V±0.2V
· High-reliability CMOS technology
· Latch-up immunity to 100mA from -1.0V to
VCC+1.0V
· CMOS and TTL compatible I/O
· Low power consumption
- Active: 15mA max.
- Standby: 1mA typ.
· 512K´8-bits organization
· Fast read access time: 90ns
· Fast programming algorithm
· Programming time 75ms typ.
· Two line controls (OE and CE)
· Standard product identification code
· Commercial temperature range (0°Cto+70°C)
· 32-pin DIP/SOP/TSOP/PLCC package
General Description
The HT27LC040 chip family is a low-power, 4096K
(4,194,304) bits, +3.3V electrically one-time program-
mable (OTP) read-only memories (EPROM). Organized
into 512K words with 8 bits per word, it features a fast
single address location programming, typically at 75
ms
per byte. Any byte can be accessed in less than 90ns
with respect to Spec. This eliminates the need for WAIT
states in high-performance microprocessor systems.
The HT27LC040 has separate Output Enable (OE) and
Chip Enable (CE) controls which eliminate bus conten-
tion issues.
X - D e c o d e r
Y - D e c o d e r
C e l l A r r a y
S A C K T
&
O u t p u t B u f f e r
C o l u m n
A d d r e s s
R o w
A d d r e s s
Y - G a t i n g
V C C
D Q 0 ~ D Q 7
V S S
C E
O E
V P P
C E & O E &
T E S T
C o n t r o l L o g i c


Similar Part No. - HT27LC040

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
December 8, 2003
HT27LC020 HOLTEK-HT27LC020 Datasheet
203Kb / 15P
OTP CMOS 256Kx 8-Bit EPROM
December 8, 2003
More results

Similar Description - HT27LC040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
285Kb / 11P
OTP CMOS 128Kx 8-Bit EPROM
November 21, 2002
HT27C020 HOLTEK-HT27C020 Datasheet
286Kb / 11P
OTP CMOS 256Kx 8-Bit EPROM
10th May 99
HT27C512 HOLTEK-HT27C512 Datasheet
257Kb / 10P
OTP CMOS 64Kx 8-Bit EPROM
6th May 99
HT27LC020 HOLTEK-HT27LC020 Datasheet
203Kb / 15P
OTP CMOS 256Kx 8-Bit EPROM
December 8, 2003
HT27LC512 HOLTEK-HT27LC512 Datasheet
258Kb / 10P
OTP CMOS 64Kx 8-Bit EPROM
6th May 99
HT27C040 HOLTEK-HT27C040 Datasheet
98Kb / 9P
COMS 512K x 8-Bit OTP EPROM
April 30, 2001
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
512K (64K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com