Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27LC040 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT27LC040
Description  CMOS 512K 8-Bit OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC040 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT27LC040 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 9Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 10Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 11Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 12Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 13Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 14Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 15Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Carrier Tape Dimensions
SOP 32W
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
32.0+0.3
-0.1
P
Cavity Pitch
16.0
±0.1
E
Perforation Position
1.75
±0.1
F
Cavity to Perforation (Width Direction)
14.2
±0.1
D
Perforation Diameter
1.55+0.1
D1
Cavity Hole Diameter
2.0+0.25
P0
Perforation Pitch
4.0
±0.1
P1
Cavity to Perforation (Length Direction)
2.0
±0.1
A0
Cavity Length
14.7
±0.1
B0
Cavity Width
20.9
±0.1
K1
Cavity Depth
3.0
±0.1
K2
Cavity Depth
3.4
±0.1
t
Carrier Tape Thickness
0.35
±0.05
C
Cover Tape Width
25.5
HT27LC040
Rev. 1.30
13
December 8, 2003
P
D 1
P 1
P 0
D
E
F
t
K 2
B 0
A 0
W
K 1
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com