Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27LC040 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT27LC040
Description  CMOS 512K 8-Bit OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC040 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT27LC040 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC040 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Pin Assignment
Pin Description
Pin Name
I/O/P
Description
VPP
P
Program voltage supply
A0~A18
I
Address inputs
DQ0~DQ7
I/O
Data inputs/outputs
VSS
¾
Negative power supply, ground
CE
I
Chip enable
OE
I
Output enable
VCC
¾
Positive power supply
Absolute Maximum Rating
Operation Temperature Commercial ............................................................................................................0
°Cto70°C
Storage Temperature.............................................................................................................................
-65°Cto125 °C
Applied VCC Voltage with Respect to VSS................................................................................................
-0.6V to 7.0V
Applied Voltage on Input Pin with Respect to VSS.....................................................................................
-0.6V to 7.0V
Applied Voltage on Output Pin with Respect to VSS .........................................................................
-0.6V to VCC+0.5V
Applied Voltage on A9 Pin with Respect to VSS ......................................................................................
-0.6V to 13.5V
Applied VPP Voltage with Respect to VSS...............................................................................................
-0.6V to 13.5V
Applied READ Voltage (Functionality is guaranteed between these limits) ................................................+3.0V to 3.6V
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT27LC040
Rev. 1.30
2
December 8, 2003
V C C
A 1 8
A 1 7
A 1 4
A 1 3
A 8
A 9
A 1 1
O E
A 1 0
C E
D Q 7
D Q 6
D Q 5
D Q 4
D Q 3
V P P
A 1 6
A 1 5
A 1 2
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
D Q 0
D Q 1
D Q 2
V S S
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
H T 2 7 L C 0 4 0
3 2 D I P / S O P
5
6
7
8
9
1 0
1 1
1 2
1 3
2 9
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 8
H T 2 7 L C 0 4 0
3 2 P L C C
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
D Q 0
A 1 4
A 8
A 9
A 1 1
A 1 0
D Q 7
A 1 3
C E
O E
1
2
3
4
5
6
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
A 1 1
A 9
A 8
A 1 3
A 1 4
A 1 7
A 1 8
V C C
V P P
A 1 6
A 1 5
A 1 2
A 7
A 6
A 5
A 4
O E
A 1 0
C E
D Q 7
D Q 6
D Q 5
D Q 4
D Q 3
G N D
D Q 2
D Q 1
D Q 0
A 0
A 1
A 2
A 3
H T 2 7 L C 0 4 0
3 2 T S O P - A
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com