Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8045
Description  3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 1 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM8046
1
8046fb
For more information www.linear.com/LTM8046
VIN (V)
0
700
600
400
200
500
300
100
10
20
8046 TA01b
30
5
15
25
Typical applicaTion
FeaTures
DescripTion
3.1VIN to 31VIN, 2kVAC
Isolated DC/DC µModule
Converter
The LTM®8046 is an isolated flyback DC/DC µModule®
(micromodule) converter. The LTM8046 has an isolation
rating of 2kVAC. Included in the package are the switching
controller, power switches, transformer, and all support
components.Operatingoveraninputvoltagerangeof3.1V
to 31V, the LTM8046 supports an output voltage range
of 1.8V to 12V, set by one resistor. Only output, input,
and bias capacitors are needed to finish the design. An
optional capacitor can be used to set the soft-start period.
The LTM8046 is packaged in a 9mm
× 15mm × 4.92mm
over-molded ball grid array (BGA) package suitable for
automated assembly by standard surface mount equip-
ment. The LTM8046 is available with SnPb (BGA) or RoHS
compliant terminal finish.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
applicaTions
n
2kVAC Isolated µModule Converter (Tested to 3kVDC)
n
UL 60950 Recognized
®
, File E464570
n
Wide Input Voltage Range: 3.1V to 31V
n
5V at 550mA from 24VIN
n
1.8V to 12V Output Voltage
n
Current Mode Control
n
Programmable Soft-Start
n
User Configurable Undervoltage Lockout
n
SnPb or RoHS Compliant Finish
n
9mm
× 15mm × 4.92mm BGA Package
n
Industrial Sensors
n
Industrial Switches
n
Ground Loop Mitigation
Maximum Output Current vs VIN
2kV Isolated Low Noise µModule Regulator
2kVAC ISOLATION
LTM8046
8046 TA01a
VIN
4.3V TO 26V
VOUT
5V
100µF
1µF
1µF
8.45k
VOUT
VIN
RUN
FB
SS
BIAS
GND
VOUT–


Similar Part No. - LTM8045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8045 LINER-LTM8045 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
logo
Linear Dimensions Semic...
LTM8045 LINEAR_DIMENSIONS-LTM8045 Datasheet
872Kb / 30P
Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Integrated Syste...
LTM8045 LINEAR-LTM8045 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8045 LINER-LTM8045 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM8045 LINER-LTM8045 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results

Similar Description - LTM8045

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48_03 Datasheet
742Kb / 29P
Isolated DC/DC Converter Module
logo
Linear Technology
LTM8048 LINER-LTM8048 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8047 LINER-LTM8047_15 Datasheet
343Kb / 18P
3.1VIN to 32VIN Isolated Module DC/DC Converter
LTM8048 LINER-LTM8048_15 Datasheet
283Kb / 20P
3.1VIN to 32VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
Isolated DC/DC Module Converter
LTM8057 LINER-LTM8057_15 Datasheet
233Kb / 20P
3.1VIN to 31VIN Isolated Module DC/DC Converter
LTM8058 LINER-LTM8058_15 Datasheet
246Kb / 20P
3.1VIN to 31VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8067 LINER-LTM8067 Datasheet
896Kb / 20P
2.8VIN to 40VIN Isolated 關Module DC/DC Converter
logo
Bellnix Co.,Ltd.
BSU-1.8S1R0 BELLNIX-BSU-1.8S1R0 Datasheet
3Mb / 20P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S3R0 BELLNIX-BSU12-3.3S3R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com