Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8045
Description  3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 4 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTM8046
4
8046fb
For more information www.linear.com/LTM8046
Typical perForMance characTerisTics
5VOUT Efficiency vs Output
Current
8VOUT Efficiency vs Output
Current
12VOUT Efficiency vs Output
Current
1.8VOUT Efficiency vs Output
Current
2.5VOUT Efficiency vs Output
Current
3.3VOUT Efficiency vs Output
Current
1.8VOUT Input Current vs Output
Current
2.5VOUT Input Current vs Output
Current
3.3VOUT Input Current vs Output
Current
OUTPUT CURRENT (mA)
0
75
70
65
60
45
50
55
600
8046 G01
800
200
400
12VIN
5VIN
24VIN
BIAS = 3.3V
OUTPUT CURRENT (mA)
0
80
75
70
65
60
50
55
8046 G04
600
200
400
12VIN
5VIN
24VIN
BIAS = 3.3V
OUTPUT CURRENT (mA)
0
75
70
65
60
50
55
600
8046 G02
700
200
400 500
100
300
12VIN
5VIN
24VIN
BIAS = 3.3V
OUTPUT CURRENT (mA)
0
75
70
65
60
50
55
600
8046 G03
700
200
400 500
100
300
12VIN
5VIN
24VIN
BIAS = 3.3V
80
60
70
50
40
65
75
55
45
OUTPUT CURRENT (mA)
0
50
150
8046 G06
250
100
200
12VIN
5VIN
BIAS = 3.3V
OUTPUT CURRENT (mA)
0
250
100
50
0
150
200
200
600
8046 G07
800
400
BIAS = 3.3V
12VIN
5VIN
24VIN
OUTPUT CURRENT (mA)
250
100
0
150
200
50
8046 G08
12VIN
24VIN
5VIN
BIAS = 3.3V
0
200
800
400
600
OUTPUT CURRENT (mA)
0
80
75
60
55
65
70
50
200
8046 G05
500
400
300
100
12VIN
5VIN
20VIN
BIAS = 3.3V
OUTPUT CURRENT (mA)
300
250
0
150
200
100
50
8046 G09
12VIN
5VIN
24VIN
0
200
600
400
400
BIAS = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com