Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8045
Description  3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 5 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTM8046
5
8046fb
For more information www.linear.com/LTM8046
Typical perForMance characTerisTics
5VOUT Input Current vs Output
Current
8VOUT Input Current vs Output
Current
12VOUT Input Current vs Output
Current
1.8VOUT Bias Current vs Output
Current
2.5VOUT Bias Current vs Output
Current
3.3VOUT Bias Current vs Output
Current
8VOUT Bias Current vs Output
Current
12VOUT Bias Current vs Output
Current
5VOUT Bias Current vs Output
Current
0
800
400
200
OUTPUT CURRENT (mA)
350
300
50
100
0
150
200
250
8046 G10
12VIN
5VIN
24VIN
BIAS = 3.3V
OUTPUT CURRENT (mA)
400
350
300
100
200
0
150
250
50
8046 G11
BIAS = 3.3V
0
200
500
400
300
100
5VIN
12VIN
20VIN
OUTPUT CURRENT (mA)
400
250
350
0
150
300
200
100
50
8046 12
BIAS = 3.3V
0
100
250
200
150
50
5VIN
12VIN
OUTPUT CURRENT (mA)
14
12
10
6
4
2
0
8
8046 G14
0
200
800
400
600
5VIN
12VIN
24VIN
BIAS = 3.3V
OUTPUT CURRENT (mA)
8
12
0
10
14
4
6
2
8046 G16
0
600
400
200
5VIN
12VIN
BIAS = 3.3V
24VIN
OUTPUT CURRENT (mA)
16
15
11
13
6
12
14
9
10
8
7
8046 G17
0
100
500
400
300
200
12VIN
BIAS = 3.3V
5VIN
20VIN
OUTPUT CURRENT (mA)
16
15
14
10
12
6
11
13
8
9
7
8046 G18
0
250
150
200
100
50
BIAS = 3.3V
5VIN
12VIN
OUTPUT CURRENT (mA)
11
10
6
8
4
7
9
5
8046 G13
0
800
600
400
200
5VIN
12VIN
24VIN
BIAS = 3.3V
OUTPUT CURRENT (mA)
13
12
11
7
9
4
6
5
8
10
8046 G15
0
700
400
600
500
300
200
100
24VIN
12VIN
5VIN
BIAS = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com