Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8045
Description  3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 3 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM8046
3
8046fb
For more information www.linear.com/LTM8046
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8046 isolation is tested at 3kVDC for one second.
Note 3: The LTM8046E is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C internal
temperature range are assured by design, characterization and correlation
with statistical process controls. LTM8046I is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
range. The LTM8046MP is guaranteed to meet specifications over the
full –55°C to 125°C internal operating temperature range. Note that
the maximum internal temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
The l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C, RUN = 12V (Note 3).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input DC Voltage
BIAS = VIN, VRUN = 2V
BIAS Open, VRUN = 2V
l
l
3.1
4.3
V
V
VOUT DC Voltage
RFB = 14.7k
RFB = 8.45k
RFB = 3.83k
l
4.75
2.5
5
12
5.25
V
V
V
VIN Quiescent Current
VRUN = 0V
1
µA
VOUT Line Regulation
6V ≤ VIN ≤ 31V, IOUT = 0.15A, VRUN = 2V
1
%
VOUT Load Regulation
0.05A ≤ IOUT ≤ 0.4A, VRUN = 2V
1.5
%
VOUT Ripple (RMS)
IOUT = 0.1A, BW = 1MHz
20
mV
Isolation Test Voltage
(Note 2)
3000
VDC
Input Short Circuit Current
VOUT Shorted
30
mA
RUN Pin Input Threshold
VRUN Pin Rising
1.18
1.24
1.30
V
RUN Pin Current
VRUN = 1V
VRUN = 1.3V
2.5
0.1
µA
µA
SS Threshold
0.7
V
SS Sourcing Current
SS = 0V
–8
µA
BIAS Current
VIN = 12V, BIAS = 5V, IOUT = 100mA
10
mA
Minimum BIAS Voltage (Note 4)
IOUT = 100mA
3.1
V
Note 4: This is the BIAS pin voltage at which the internal circuitry is
powered through the BIAS pin and not the integrated regulator. See BIAS
Pin Considerations for details.
Note 5: VIN + 2VOUT is defined as the sum of the voltage between (VIN –
GND) added to twice the voltage between (VOUT – VOUT–).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com