Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8045
Description  3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 12Page - Linear Technology LTM8045 Datasheet HTML 13Page - Linear Technology LTM8045 Datasheet HTML 14Page - Linear Technology LTM8045 Datasheet HTML 15Page - Linear Technology LTM8045 Datasheet HTML 16Page - Linear Technology LTM8045 Datasheet HTML 17Page - Linear Technology LTM8045 Datasheet HTML 18Page - Linear Technology LTM8045 Datasheet HTML 19Page - Linear Technology LTM8045 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTM8046
20
8046fb
For more information www.linear.com/LTM8046
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
LINEAR TECHNOLOGY CORPORATION 2014
LT 0415 REV B • PRINTED IN USA
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTM8046
relaTeD parTs
Typical applicaTion
12V Isolated Flyback Converter
Maximum Output Current vs VIN
PART NUMBER DESCRIPTION
COMMENTS
LTM8057
UL60950 Recognized 1.5W, 2kVAC Isolated µModule
Converter
3.1V ≤ VIN ≤ 31V, 2.5V ≤ VOUT ≤ 12V, 5% VOUT Accuracy, Internal Isolated
Transformer, 9mm × 11.25mm × 4.92mm BGA
LTM8058
UL60950 Recognized 1.5W, 2kVAC Isolated µModule
Converter with LDO Post Regulator
3.1V ≤ VIN ≤ 31V, 1.2V ≤ VOUT ≤ 12V, 2.5% VOUT Accuracy, 1mVP-P Output
Ripple, Internal Isolated Transformer, 9mm × 11.25mm × 4.92mm BGA
LTM8048
1.5W, 725VDC Galvanically Isolated µModule
Converter with LDO Post Regulator
3.1V ≤ VIN ≤ 32V, 1.2V ≤ VOUT ≤ 12V, 2.5% VOUT Accuracy, 1mVP-P Output
Ripple, Internal Isolated Transformer, 9mm × 11.25mm × 4.92mm BGA
LTM8045
Inverting or SEPIC μModule DC/DC Converter with
Up to 700mA Output Current
2.8V ≤ VIN ≤ 18V, ±2.5V ≤ VOUT ≤ ±15V, Synchronizable, No Derating or
Logic Level Shift for Control Inputs When Inverting, 6.25mm × 11.25mm
× 4.92mm BGA
LTM4609
36VIN, 5A DC/DC μModule Buck-Boost Regulator
4.5V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 34V, Adjustable Soft-Start, Clock Input,
15mm × 15mm × 2.82mm LGA and 15mm × 15mm × 3.42mm BGA
LTM8061
32V, 2A Step-Down μModule Battery Charger with
Programmable Input Current Limit
Suitable for Charging Single and Dual Cell Li-Ion or Li-Poly Batteries, 4.95V ≤ VIN
≤ 32V, C/10 or Adjustable Timer Charge Termination, NTC Resistor Monitor Input,
9mm × 15mm × 4.32mm LGA
VIN (V)
8046 TA04b
12
6
9
3
300
250
150
200
50
100
0
2kVAC ISOLATION
LTM8046
8046 TA04
VIN
3.3VDC TO 12VDC
VOUT
12V
3.83k
1µF
3.3V
VOUT
VIN
RUN
FB
SS
BIAS
GND
VOUT–
10µF
×2
1µF
Design resources
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com