Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8021
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 1 Page - Linear Technology

  LTM8021 Datasheet HTML 1Page - Linear Technology LTM8021 Datasheet HTML 2Page - Linear Technology LTM8021 Datasheet HTML 3Page - Linear Technology LTM8021 Datasheet HTML 4Page - Linear Technology LTM8021 Datasheet HTML 5Page - Linear Technology LTM8021 Datasheet HTML 6Page - Linear Technology LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM8053
1
8053fc
For more information www.linear.com/LTM8053
TYPICAL APPLICATION
FEATURES
DESCRIPTION
40VIN, 3.5A Step-Down
Silent Switcher µModule Regulator
Efficiency, VOUT = 5V
5VOUT from 7VIN to 40VIN Step-Down Converter
APPLICATIONS
n
Automotive Battery Regulation
n
Power for Portable Products
n
Distributed Supply Regulation
n
Industrial Supplies
n
Wall Transformer Regulation
All registered trademarks and trademarks are the property of their respective owners.
n
Complete Step-Down Switch Mode Power Supply
n
Low Noise Silent Switcher® Architecture
n
Wide Input Voltage Range: 3.4V to 40V
n
Wide Output Voltage Range: 0.97V to 15V
n
3.5A Continuous Output Current at 12VIN, 5VOUT,
TA = 85°C
n
6A Peak Output Current
n
Parallelable for Increased Output Current
n
Selectable Switching Frequency: 200kHz to 3MHz
n
Tiny, Low Profile 6.25mm × 9mm × 3.32mm RoHS
Compliant BGA Package
The LTM®8053 is a 40VIN, 3.5A continuous, 6A peak step-
down µModule® (power module) regulator. Included in
the package are the switching controller, power switches,
inductor, and all support components. Operating over an
input voltage range of 3.4V to 40V, the LTM8053 supports
an output voltage range of 0.97V to 15V and a switching
frequency range of 200kHz to 3MHz, each set by a single
resistor. Only the input and output filter capacitors are
needed to finish the design.
The low profile package enables utilization of unused
space on the bottom of PC boards for high density point of
load regulation. The LTM8053 is packaged in a thermally
enhanced,compactover-moldedballgridarray(BGA)pack-
age suitable for automated assembly by standard surface
mount equipment. The LTM8053 is RoHS compliant.
4.7µF
100µF
60.4k
41.2k
1MHz
LTM8053
VOUT
AUX
BIAS
VOUT
5V
3.5A
VIN
VIN
7V TO 40V
FB
GND
RUN
SYNC
RT
8053 TA01a
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG, SHARE
LOAD CURRENT (A)
12VIN
0
1
2
3
4
55
65
75
85
95
8053 TA01


Similar Part No. - LTM8021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8021 LINER-LTM8021 Datasheet
197Kb / 16P
36VIN, 500mA Step-Down DC/DC 關Module
LTM8021 LINER-LTM8021 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8021 LINER-LTM8021 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM8021 LINER-LTM8021 Datasheet
252Kb / 20P
36VIN, 600mA Step-Down 關Module Converter
LTM8021EV-PBF LINER-LTM8021EV-PBF Datasheet
197Kb / 16P
36VIN, 500mA Step-Down DC/DC 關Module
More results

Similar Description - LTM8021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com