Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8021
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 6Page - Linear Technology LTM8021 Datasheet HTML 7Page - Linear Technology LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology LTM8021 Datasheet HTML 10Page - Linear Technology LTM8021 Datasheet HTML 11Page - Linear Technology LTM8021 Datasheet HTML 12Page - Linear Technology LTM8021 Datasheet HTML 13Page - Linear Technology LTM8021 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTM8053
10
8053fc
For more information www.linear.com/LTM8053
TYPICAL PERFORMANCE CHARACTERISTICS
Derating, VOUT =5V, BIAS=5V,
DC1934A Demo Board
Derating, VOUT =8V, BIAS = 5V,
DC1934A Demo Board
Derating, VOUT =12V, BIAS = 5V,
DC1934A Demo Board
Derating, VOUT =15V, BIAS = 5V,
DC1934A Demo Board
TA = 25°C, unless otherwise noted.
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
8053 G55
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
8053 G56
0 LFM
24VIN
36VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
8053 G57
0 LFM
24VIN
36VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
8053 G58
Derating, VOUT =–3.3V, BIAS
tied to LTM8053 GND, DC1934A
Demo Board
Derating, VOUT =–5V, BIAS
tied to LTM8053 GND, DC1934A
Demo Board
Derating, VOUT =–8V, BIAS
tied to LTM8053 GND, DC1934A
Demo Board
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
8053 G59
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
8053 G60
0 LFM
12VIN
24VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
8053 G61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com