Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM8021
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 8Page - Linear Technology LTM8021 Datasheet HTML 9Page - Linear Technology LTM8021 Datasheet HTML 10Page - Linear Technology LTM8021 Datasheet HTML 11Page - Linear Technology LTM8021 Datasheet HTML 12Page - Linear Technology LTM8021 Datasheet HTML 13Page - Linear Technology LTM8021 Datasheet HTML 14Page - Linear Technology LTM8021 Datasheet HTML 15Page - Linear Technology LTM8021 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTM8053
12
8053fc
For more information www.linear.com/LTM8053
PIN FUNCTIONS
GND (Bank 1, A1, A6, B3): Tie these GND pins to a
local ground plane below the LTM8053 and the circuit
components. In most applications, the bulk of the heat
flow out of the LTM8053 is through these pads, so the
printed circuit design has a large impact on the thermal
performance of the part. See the PCB Layout and Thermal
Considerations sections for more details.
VIN (Bank 2): VIN supplies current to the LTM8053’s
internal regulator and to the internal power switch. These
pins must be locally bypassed with an external, low ESR
capacitor; see Table 1 for recommended values.
VOUT (Bank 3): Power Output Pins. Apply the output
filter capacitor and the output load between these pins
and GND pins.
BIAS(PinA2):TheBIASpinconnectstotheinternalpower
bus. Connect to a power source greater than 3.2V. If VOUT
is greater than 3.2V, connect this pin to AUX. Decouple
this pin with at least 1µF if the voltage source for BIAS is
remote. If unused or when generating a negative output,
connect BIAS to LTM8053 GND.
PG (Pin A3): The PG pin is the open-collector output
of an internal comparator. PG remains low until the FB
pin voltage is between 0.89V and 1.05V typical. The PG
signal is valid when VIN is above 3.4V. If VIN is above
3.4V and RUN is low, PG will drive low. If this function
is not used, leave this pin floating.
SHARE (Pin A4): Tie this to the SHARE pin of another
LTM8053 to load share. Otherwise leave floating. Do not
drive this pin.
RT (Pin A5): The RT pin is used to program the switching
frequency of the LTM8053 by connecting a resistor from
this pin to ground. The Applications Information section
of the data sheet includes a table to determine the resis-
tance value based on the desired switching frequency.
Minimize capacitance at this pin. Do not drive this pin.
FB (Pin B1): The LTM8053 regulates its FB pin to 0.97V.
Connect the adjust resistor from this pin to ground. The
value of RFB is given by the equation RFB = 241.53/(VOUT
– 0.97), where RFB is in k.
AUX (Pin B2): Low Current Voltage Source for BIAS.
In many designs, the BIAS pin is simply connected to
VOUT. The AUX pin is internally connected to VOUT and
is placed adjacent to the BIAS pin to ease printed circuit
board routing. Also, some applications require a feed-
forward capacitor; it can be connected from AUX to FB
forconvenientPCBrouting.Althoughthispinisinternally
connected to VOUT, it is not intended to deliver a high
current, so do not draw current from this pin to the load.
SYNC (Pin B4): External clock synchronization input
and operational mode. This pin programs four different
operating modes: 1) Burst Mode®. Tie this pin to ground
for Burst Mode operation at low output loads—this will
result in low quiescent current. 2) Pulse-skipping mode.
Float this pin for pulse-skipping mode. This mode offers
full frequency operation down to low output loads before
pulse-skipping mode occurs. 3) Spread spectrum mode.
Tie this pin high (between 2.9V and 4.2V) for pulse-
skipping mode with spread spectrum modulation. 4)
Synchronization mode. Drive this pin with a clock source
to synchronize to an external frequency. During synchro-
nization the part will operate in pulse-skipping mode.
TR/SS (Pin B5): The TR/SS pin is used to provide a
soft-start or tracking function. The internal 2A pull-up
current in combination with an external capacitor tied
to this pin creates a voltage ramp. If TR/SS is less than
0.97V, the FB voltage tracks to this value. For tracking, tie
a resistor divider to this pin from the tracked output. This
pin is pulled to ground with an internal MOSFET during
shutdown and fault conditions; use a series resistor if
driving from a low impedance output. This pin may be
left floating if the tracking function is not needed.
RUN (Pin B6): Pull the RUN pin below 0.9V to shut
down the LTM8053. Tie to 1.06V or more for normal
operation. If the shutdown feature is not used, tie this
pin to the VIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com