Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM8021
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 10Page - Linear Technology LTM8021 Datasheet HTML 11Page - Linear Technology LTM8021 Datasheet HTML 12Page - Linear Technology LTM8021 Datasheet HTML 13Page - Linear Technology LTM8021 Datasheet HTML 14Page - Linear Technology LTM8021 Datasheet HTML 15Page - Linear Technology LTM8021 Datasheet HTML 16Page - Linear Technology LTM8021 Datasheet HTML 17Page - Linear Technology LTM8021 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTM8053
14
8053fc
For more information www.linear.com/LTM8053
OPERATION
The LTM8053 is a stand-alone non-isolated step-down
switching DC/DC power supply that can deliver up to
6A. The continuous current is determined by the internal
operating temperature. It provides a precisely regulated
output voltage programmable via one external resistor
from 0.97V to 15V. The input voltage range is 3.4V to 40V.
Given that the LTM8053 is a step-down converter, make
sure that the input voltage is high enough to support the
desired output voltage and load current. A simplified Block
Diagram is given on the previous page.
The LTM8053 contains a current mode controller, power
switching elements, power inductor and a modest amount
of input and output capacitance. The LTM8053 is a fixed
frequency PWM regulator. The switching frequency is set
by simply connecting the appropriate resistor value from
the RT pin to GND.
An internal regulator provides power to the control cir-
cuitry. This bias regulator normally draws power from the
VIN pin, but if the BIAS pin is connected to an external
voltage higher than 3.2V, bias power is drawn from the
external source (typically the regulated output voltage).
This improves efficiency. The RUN pin is used to place
the LTM8053 in shutdown, disconnecting the output and
reducing the input current to a few A.
Toenhanceefficiency,theLTM8053automaticallyswitches
to Burst Mode operation in light or no load situations.
Between bursts, all circuitry associated with controlling
the output switch is shut down reducing the input supply
current.
TheoscillatorreducestheLTM8053’soperatingfrequency
when the voltage at the FB pin is low. This frequency fold-
back helps to control the output current during start-up
and overload.
The TR/SS node acts as an auxiliary input to the error
amplifier. The voltage at FB servos to the TR/SS voltage
until TR/SS goes about 0.97V. Soft-start is implemented
by generating a voltage ramp at the TR/SS pin using an
externalcapacitorwhichischargedbyaninternalconstant
current. Alternatively, driving the TR/SS pin with a signal
source or resistive network provides a tracking function.
Do not drive the TR/SS pin with a low impedance volt-
age source. See the Applications Information section for
more details.
The LTM8053 contains a power good comparator which
trips when the FB pin is between 0.89V and 1.05V, typical.
The PG output is an open-drain transistor that is off when
the output is in regulation, allowing an external resistor
to pull the PG pin high. The PG signal is valid when VIN
is above 3.4V. If VIN is above 3.4V and RUN is low, PG
will drive low.
The LTM8053 is equipped with a thermal shutdown that
inhibits power switching at high junction temperatures.
The activation threshold of this function is above 125°C
to avoid interfering with normal operation, so prolonged
or repetitive operation under a condition in which the
thermal shutdown activates may damage or impair the
reliability of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com