Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8021 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM8021
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8021 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM8021 Datasheet HTML 13Page - Linear Technology LTM8021 Datasheet HTML 14Page - Linear Technology LTM8021 Datasheet HTML 15Page - Linear Technology LTM8021 Datasheet HTML 16Page - Linear Technology LTM8021 Datasheet HTML 17Page - Linear Technology LTM8021 Datasheet HTML 18Page - Linear Technology LTM8021 Datasheet HTML 19Page - Linear Technology LTM8021 Datasheet HTML 20Page - Linear Technology LTM8021 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTM8053
17
8053fc
For more information www.linear.com/LTM8053
APPLICATIONS INFORMATION
BIAS Pin Considerations
The BIAS pin is used to provide drive power for the in-
ternal power switching stage and operate other internal
circuitry. For proper operation, it must be powered by at
least 3.2V. If the output voltage is programmed to 3.2V
or higher, BIAS may be simply tied to AUX. If VOUT is less
than 3.2V, BIAS can be tied to VIN or some other voltage
source. If the BIAS pin voltage is too high, the efficiency
of the LTM8053 may suffer. The optimum BIAS voltage
is dependent upon many factors, such as load current,
input voltage, output voltage and switching frequency. In
all cases, ensure that the maximum voltage at the BIAS pin
is less than 19V. If BIAS power is applied from a remote
or noisy voltage source, it may be necessary to apply a
decoupling capacitor locally to the pin. A 1µF ceramic
capacitor works well. The BIAS pin may also be left open
at the cost of a small degradation in efficiency. If unused
or when generating a negative output, connect BIAS to
LTM8053 GND.
Maximum Load
ThemaximumpracticalcontinuousloadthattheLTM8053
can drive, while rated at 3.5A, actually depends upon both
the internal current limit and the internal temperature.
The internal current limit is designed to prevent damage
to the LTM8053 in the case of overload or short-circuit.
The internal temperature of the LTM8053 depends upon
operating conditions such as the ambient temperature,
the power delivered, and the heat sinking capability of
the system. For example, if the LTM8053 is configured
to regulate at 1.2V, it may continuously deliver 5A from
12VIN if the ambient temperature is controlled to less than
60°C; this is quite a bit higher than the 3.5A continuous
rating. Please see the derating curve for VOUT = 1.2V in
theTypicalPerformanceCharacteristicssection.Similarly,
if the output voltage is 15V and the ambient temperature
is 85°C, the LTM8053 will deliver at most 2A from 24VIN,
which is less than the 3.5A continuous rating.
Load Sharing
Two or more LTM8053s may be paralleled to pro-
duce higher currents. To do this, tie the VIN, VOUT and
SHARE pins of all the paralleled LTM8053s together.
To ensure that paralleled modules start up together, the
TR/SSpinsmaybetiedtogether,aswell.Ifitisinconvenient
to tie the TR/SS pins together, make sure that the same
valued soft-start capacitors are used for each µModule
regulator. An example of two LTM8053s configured for
load sharing is given in the Typical Applications section.
For closer load sharing, synchronize the LTM8053s to an
external clock source. When load sharing among n units
and using a single RFB resistor, the value of the resistor is:
RFB =
241.53
n VOUT – 0.97
(
)
where RFB is in k.
Burst Mode Operation
To enhance efficiency at light loads, the LTM8053 auto-
matically switches to Burst Mode operation which keeps
the output capacitor charged to the proper voltage while
minimizingtheinputquiescentcurrent.DuringBurstMode
operation, the LTM8053 delivers single cycle bursts of
current to the output capacitor followed by sleep periods
where most of the internal circuitry is powered off and
energy is delivered to the load by the output capacitor.
During the sleep time, VIN and BIAS quiescent currents
are greatly reduced, so, as the load current decreases
towards a no load condition, the percentage of time that
the LTM8053 operates in sleep mode increases and the
averageinputcurrentisgreatlyreduced,resultinginhigher
light load efficiency.
Burst Mode operation is enabled by tying SYNC to GND.
Minimum Input Voltage
The LTM8053 is a step-down converter, so a minimum
amount of headroom is required to keep the output in
regulation. Keep the input above 3.4V to ensure proper
operation. Voltage transients or ripple valleys that cause
the input to fall below 3.4V may turn off the LTM8053.
Output Voltage Tracking and Soft-Start
TheLTM8053allowstheusertoprogramitsoutputvoltage
ramp rate by means of the TR/SS pin. An internal 2A pulls
up the TR/SS pin to about 2.4V. Putting an external capaci-
tor on TR/SS enables soft starting the output to reduce



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com