Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1963 Datasheet HTML 5Page - Linear Technology LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology LT1963 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT3088
9
3088fb
For more information www.linear.com/LT3088
APPLICATIONS INFORMATION
Introduction
The LT3088 regulator is easy to use and has all the pro-
tection features expected in high performance regulators.
Includedareshort-circuitprotection,reverse-inputprotec-
tion and safe operating area protection, as well as thermal
shutdown with hysteresis. Safe operating area (SOA) for
the LT3088 is extended, allowing for use in harsh indus-
trial and automotive environments where sudden spikes
in input voltage lead to high power dissipation.
The LT3088 fits well in applications needing multiple rails.
This new architecture adjusts down to zero with a single
resistor, handling modern low voltage digital ICs as well
as allowing easy parallel operation and thermal manage-
ment without heat sinks. Adjusting to zero output allows
shutting off the powered circuitry.
Aprecision“0”TC50µAreferencecurrentsourceconnects
to the noninverting input of a power operational amplifier.
Thepoweroperationalamplifierprovidesalowimpedance
buffered output to the voltage on the noninverting input.
A single resistor from the noninverting input to ground
sets the output voltage. If this resistor is set to 0Ω, zero
output voltage results. Therefore, any output voltage can
be obtained between zero and the maximum defined by
the input power supply is obtainable.
The benefit of using a true internal current source as the
reference, as opposed to a bootstrapped reference in older
regulators, is not so obvious in this architecture. A true
reference current source allows the regulator to have gain
and frequency response independent of the impedance on
the positive input. On older adjustable regulators, such as
the LT1086 loop gain changes with output voltage and
bandwidth changes if the adjustment pin is bypassed to
ground. For the LT3088, the loop gain is unchanged with
output voltage changes or bypassing. Output regulation
is not a fixed percentage of output voltage, but is a fixed
fraction of millivolts. Use of a true current source allows
all of the gain in the buffer amplifier to provide regulation,
and none of that gain is needed to amplify up the reference
to a higher output voltage.
Programming Linear Regulator Output Voltage
The LT3088 generates a 50µA reference current that flows
out of the SET pin. Connecting a resistor from SET to
ground generates a voltage that becomes the reference
point for the error amplifier (see Figure 1). The reference
voltage equals 50µA multiplied by the value of the SET
pin resistor (Ohm’s Law). Any voltage can be generated
and there is no minimum output voltage for the regulator.
Figure 1. Basic Adjustable Regulator
3088 F01
IN
SET
OUT
+
–
LT3088
50µA
RLOAD
CSET
RSET
CIN
VOUT = 50µA • RSET
COUT
Table 1 lists many common output voltages and the clos-
est standard 1% resistor values used to generate that
output voltage.
Regulationoftheoutputvoltagerequiresaminimumload
current of 2mA. For true zero voltage output operation,
return this 2mA load current to a negative output voltage.
Table 1. 1% Resistors for Common Output Voltages
VOUT (V)
RSET (kΩ)
1
20
1.2
24.3
1.5
30.1
1.8
35.7
2.5
49.9
3.3
66.5
5
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com