Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 3 Page - Linear Technology

  LT1963 Datasheet HTML 1Page - Linear Technology LT1963 Datasheet HTML 2Page - Linear Technology LT1963 Datasheet HTML 3Page - Linear Technology LT1963 Datasheet HTML 4Page - Linear Technology LT1963 Datasheet HTML 5Page - Linear Technology LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT3088
3
3088fb
For more information www.linear.com/LT3088
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. (Note 2)
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SET Pin Current
ISET
VIN = 2V, ILOAD = 2mA
2V ≤ VIN ≤ 36V, 2mA ≤ ILOAD ≤ 800mA
l
49.5
49
50
50
50.5
51
µA
µA
Offset Voltage
VOS
(VOUT – VSET)
VIN = 2V, ILOAD = 2mA
VIN = 2V, ILOAD = 2mA
l
–1.5
–3.5
0
0
1.5
3.5
mV
mV
ISET Load Regulation
∆ILOAD = 2mA to 800mA
–0.1
nA
VOS Load Regulation
∆ILOAD = 2mA to 800mA
(Note 7)
DD Package
l
–0.5
–3
mV
M, ST Packages
l
–1.5
–4
mV
Line Regulation
∆ISET
∆VOS
∆VIN = 2V to 36V, ILOAD = 2mA
∆VIN = 2V to 36V, ILOAD = 2mA
1.5
0.001
nA/V
mV/V
Minimum Load Current (Note 3)
2V ≤ VIN ≤ 36V
l
0.4
2
mA
Dropout Voltage (Note 4)
ILOAD = 100mA
ILOAD = 800mA
l
1.21
1.35
1.6
V
V
Current Limit
VIN = 5V, VSET = 0V, VOUT = –0.1V
l
0.8
1.2
A
Reference Current RMS Output Noise (Note 5)
10Hz ≤ f ≤ 100kHz
5.7
nARMS
Error Amplifier RMS Output Noise (Note 5)
ILOAD = 800mA, 10Hz ≤ f ≤ 100kHz,
COUT = 0µF, CSET = 0.1µF
27
µVRMS
Ripple Rejection
VRIPPLE = 0.5VP-P, ILOAD = 0.1A, CSET = 0.1µF,
COUT=10µF, VIN = VOUT(NOMINAL) + 3V
f = 120Hz
f = 10kHz
f = 1MHz
75
90
75
20
dB
dB
dB
Thermal Regulation, ISET
10ms Pulse
0.003
%/W
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Unless otherwise specified, all voltages are with respect to VOUT.
The LT3088 is tested and specified under pulse load conditions such
that TJ ≈ TA. The LT3088E is tested at TA = 25°C and performance is
guaranteed from 0°C to 125°C. Performance of the LT3088E over the
full –40°C and 125°C operating temperature range is assured by design,
characterization, and correlation with statistical process controls. The
LT3088I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT3088MP is 100% tested and guaranteed
over the –55°C to 150°C operating junction temperature range. The
LT3088H is tested at 150°C operating junction temperature. High junction
temperatures degrade operating lifetimes. Operating lifetime is degraded at
junction temperatures greater than 125°C.
Note 3: Minimum load current is equivalent to the quiescent current of
the part. Since all quiescent and drive current is delivered to the output
of the part, the minimum load current is the minimum current required to
maintain regulation.
Note 4: For the LT3088, dropout is specified as the minimum input-to-
output voltage differential required supplying a given output current.
Note 5: Adding a small capacitor across the reference current resistor
lowers output noise. Adding this capacitor bypasses the resistor shot
noise and reference current noise; output noise is then equal to error
amplifier noise (see Applications Information section).
Note 6: Diodes with series 400Ω resistors clamp the SET pin to the
OUT pin. These diodes and resistors only carry current under transient
overloads. During normal operation, keep the OUT-to-SET differential
voltage below 2V.
Note 7: Load regulation is Kelvin sensed at the package.
Note 8: This IC includes overtemperature protection that protects the
device during momentary overload conditions. Junction temperature
exceeds the maximum operating junction temperature when
overtemperature protection is active. Continuous operation above the
specified maximum operating junction temperature may impair device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com