Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology LT1963 Datasheet HTML 13Page - Linear Technology LT1963 Datasheet HTML 14Page - Linear Technology LT1963 Datasheet HTML 15Page - Linear Technology LT1963 Datasheet HTML 16Page - Linear Technology LT1963 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT3088
13
3088fb
For more information www.linear.com/LT3088
APPLICATIONS INFORMATION
compensation may be required for stability. Techniques
are discussed to achieve this in the following paragraphs.
Linear Technology strongly recommends testing stability
insituwithfinalcomponentsbeforebeginningproduction.
Although the LT3088’s design strives to be stable without
capacitors over a wide variety of operating conditions, it is
not possible to test for all possible combinations of input
and output impedances that the LT3088 will encounter.
These impedances may include resistive, capacitive, and
inductive components and may be complex distributed
networks. In addition, the current source’s value will dif-
fer between applications and its connection may be GND
referenced,powersupplyreferenced,orfloatinginasignal
line path. Linear Technology strongly recommends that
stability be tested in situ for any LT3088 application.
In LT3088 applications with long wires or PCB traces, the
inductive reactance may cause instability. In some cases,
adding series resistance to the input and output lines (as
showninFigure 7)maysufficientlydampenthesepossible
high-Q lines and provide stability. The user must evaluate
therequiredresistorvaluesagainstthedesign’sheadroom
constraints. In general, operation at low output current
levels (<20mA) automatically requires higher values of
programming resistors and may provide the necessary
damping without additional series impedance.
If the line impedances in series with the LT3088 are
complex enough such that series damping resistors are
not sufficient, a frequency compensation network may be
necessary. Several options may be considered.
Figure  8 depicts the simplest frequency compensation
networks as a single capacitor across the two terminals
of the current source. Some applications may use the
capacitance to stand off DC voltage but allow the transfer
of data down a signal line.
Forsomeapplications,purecapacitancemaybeunaccept-
able or present a design constraint. One circuit example
typifying this is an “intrinsically-safe” circuit in which an
overload or fault condition potentially allows the capaci-
tor’s stored energy to create a spark or arc. For applica-
tions where a single capacitor is unacceptable, Figure 8
alternately shows a series RC network connected across
the two terminals of the current source. This network has
the added benefit of limiting the discharge current of the
IN
SET
OUT
+
–
LT3088
50µA
RSET
ROUT
RSERIES
RSERIES
LONG LINE
REACTANCE/INDUCTANCE
3088 F07
LONG LINE
REACTANCE/INDUCTANCE
Figure 7. Adding Series Resistance Decouples
and Dampens Long Line Reactances
Figure 8. Compensation from Input to Output
of Current Source Provides Stability
3088 F08
IN
SET
OUT
+
–
LT3088
CCOMP OR
RSET
ROUT
RCOMP
CCOMP
50µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com