Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1963 Datasheet HTML 15Page - Linear Technology LT1963 Datasheet HTML 16Page - Linear Technology LT1963 Datasheet HTML 17Page - Linear Technology LT1963 Datasheet HTML 18Page - Linear Technology LT1963 Datasheet HTML 19Page - Linear Technology LT1963 Datasheet HTML 20Page - Linear Technology LT1963 Datasheet HTML 21Page - Linear Technology LT1963 Datasheet HTML 22Page - Linear Technology LT1963 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LT3088
19
3088fb
For more information www.linear.com/LT3088
The second technique for reducing power dissipation,
shown in Figure 15, uses a resistor in parallel with the
LT3088. This resistor provides a parallel path for current
flow, reducing the current flowing through the LT3088.
This technique works well if input voltage is reasonably
constant and output load current changes are small. This
technique also increases the maximum available output
current at the expense of minimum load requirements.
As an example, assume: VIN = 5V, VIN(MAX) = 5.5V, VOUT
= 3.3V, VOUT(MIN) = 3.2V, IOUT(MAX) = 0.8A and IOUT(MIN)
= 0.3A. Also, assuming that RP carries no more than 90%
of IOUT(MIN) = 270mA.
Calculating RP yields:
RP =
5.5V – 3.2V
0.27A
= 8.52Ω
(5% Standard value = 9.1Ω)
The maximum total power dissipation is:
(5.5V – 3.2V) • 0.8A = 1.84W
However, the LT3088 supplies only:
0.8A –
5.5V – 3.2V
9.1Ω
= 0.55A
Therefore, the LT3088’s power dissipation is only:
PDISS = (5.5V – 3.2V) • 0.55A = 1.26W
RP dissipates 0.58W of power. As with the first technique,
choose appropriate wattage resistors to handle and dis-
sipate the power properly. With this configuration, the
LT3088 supplies only 0.55A. Therefore, load current can
increase by 0.25A to a total output current of 1.05A while
keeping the LT3088 in its normal operating range.
High Temperature Operation
Care must be taken when designing the LT3088H/
LT3088MP applications to operate at high ambient tem-
peratures. The LT3088H/LT3088MP operates at high
temperatures, but erratic operation can occur due to un-
foreseenvariationsinexternalcomponents.Sometantalum
capacitorsareavailableforhightemperatureoperation,but
ESR is often several ohms; capacitor ESR above 0.5Ω is
unsuitable for use with the LT3088H/LT3088MP. Multiple
ceramiccapacitormanufacturersnowofferceramiccapaci-
tors that are rated to 150°C using an X8R dielectric. Check
each passive component for absolute value and voltage
ratings over the operating temperature range.
Leakages in capacitors or from solder flux left after insuf-
ficient board cleaning adversely affects low current nodes,
such as the SET pins. Consider junction temperature in-
crease due to power dissipation in both the junction and
nearby components to ensure maximum specifications
are not violated for the LT3088H/LT3088MP or external
components.
APPLICATIONS INFORMATION
3088 F15
IN
SET
OUT
+
–
LT3088
50µA
RSET
VOUT
VIN
C2
C1
RP
Figure 15. Reducing Power Dissipation Using a Parallel Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com