Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology LT1963 Datasheet HTML 13Page - Linear Technology LT1963 Datasheet HTML 14Page - Linear Technology LT1963 Datasheet HTML 15Page - Linear Technology LT1963 Datasheet HTML 16Page - Linear Technology LT1963 Datasheet HTML 17Page - Linear Technology LT1963 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LT3088
14
3088fb
For more information www.linear.com/LT3088
APPLICATIONS INFORMATION
capacitor under a fault condition, preventing sparks or
arcs. In many instances, a series RC network is the best
solutionforstabilizingtheapplicationcircuit.Typicalresis-
tor values will range from 100Ω to 5k. Once again, Linear
Technology strongly recommends testing stability in situ
foranyLT3088applicationacrossalloperatingconditions,
especiallyonesthatpresentcompleximpedancenetworks
at the input and output of the current source.
If an application refers the bottom of the LT3088 current
source to GND, it may be necessary to bypass the top
of the current source with a capacitor to GND. In some
cases, this capacitor may already exist and no additional
capacitance is required. For example, if the LT3088 is
used as a variable current source on the output of a power
supply, the output bypass capacitance would suffice to
provide LT3088 stability. Other applications may require
the addition of a bypass capacitor. A series RC network
may also be used as necessary, and depends on the ap-
plication requirements.
In some extreme cases, capacitors or series RC networks
may be required on both the LT3088’s input and output to
stabilize the circuit. Figure 9 depicts a general application
using input and output capacitor networks rather than
an input-to-output capacitor. As the input of the current
source tends to be high impedance, placing a capacitor
on the input does not have the same effect as placing a
capacitoronthelowerimpedanceoutput.Capacitorsinthe
range of 0.1µF to 1µF usually provide sufficient bypassing
on the input, and the value of input capacitance may be
increased without limit. Pay careful attention to using low
ESR input capacitors with long input lines (see the Stabil-
ity and Input Capacitance section for more information).
Using Ceramic Capacitors
Give extra consideration to the use of ceramic capacitors.
Ceramic capacitors are manufactured with a variety of di-
electrics, each with different behavior across temperature
and applied voltage. The most common dielectrics used
are specified with EIA temperature characteristic codes of
Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics are
good for providing high capacitances in a small package,
but they tend to have strong voltage and temperature coef-
ficients as shown in Figures 10 and 11. When used with
a 5V regulator, a 16V 10µF Y5V capacitor can exhibit an
effective value as low as 1µF to 2µF for the DC bias voltage
appliedandovertheoperatingtemperaturerange.TheX5R
and X7R dielectrics result in more stable characteristics
and are more suitable for use as the output capacitor.
The X7R type has better stability across temperature,
while the X5R is less expensive and is available in higher
values. Care still must be exercised when using X5R and
X7R capacitors. The X5R and X7R codes only specify
operating temperature range and maximum capacitance
change over temperature. Capacitance change due to DC
bias with X5R and X7R capacitors is better than Y5V and
Z5U capacitors, but can still be significant enough to drop
capacitor values below appropriate levels. Capacitor DC
bias characteristics tend to improve as component case
size increases, but expected capacitance at operating
voltage should be verified.
3088 F09
IN
SET
OUT
+
–
LT3088
IOUT
RSET
ROUT
COUT OR
VIN
COUT
ROUT
CIN
RIN
50µA
Figure 9. Input and/or Output Capacitors May
Be Used for Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com