Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2000 Datasheet HTML 3Page - Linear Technology LTC2000 Datasheet HTML 4Page - Linear Technology LTC2000 Datasheet HTML 5Page - Linear Technology LTC2000 Datasheet HTML 6Page - Linear Technology LTC2000 Datasheet HTML 7Page - Linear Technology LTC2000 Datasheet HTML 8Page - Linear Technology LTC2000 Datasheet HTML 9Page - Linear Technology LTC2000 Datasheet HTML 10Page - Linear Technology LTC2000 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
LTC2000A
7
2000afb
For more information www.linear.com/LTC2000A
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AVDD18, DVDD18 = 1.8V to 1.92V, AVDD33, DVDD33 = 3.135V to 3.465V,
SVDD = 1.71V to 3.465V, RFSADJ = 500, 12.5 load from IOUTP/N to GND including internal 50 termination, unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LVDS Output (DCKOP, DCKON)
Differential Output Voltage
100 Differential Load, DCKO_ISEL = 0
50 Differential Load, DCKO_ISEL = 1
l
l
0.24
0.24
0.36
0.36
0.48
0.48
V
V
Common-Mode Output Voltage
l
1.075
1.2
1.325
V
Internal Termination Resistance
DCKO_TRM = 1
100
CMOS Digital Inputs (CS, PD, SCK, SDI)
VIH
Digital Input High Voltage
l
70
%VSVDD
VIL
Digital Input Low Voltage
l
30
%VSVDD
ILK
Digital Input Leakage
VIN = GND or SVDD
l
±10
µA
CIN
Digital Input Capacitance
8
pF
CMOS Digital Output (SDO)
VOH
Digital Output High Voltage
ISOURCE = 0.2mA
l
85
%VSVDD
VOL
Digital Output Low Voltage
ISINK = 1.6mA
l
15
%VSVDD
Hi-Z Output Leakage
l
±10
µA
Hi-Z Output Capacitance
8
pF
Power Supply
VVDD33
AVDD33, DVDD33 Supply Voltage
l
3.135
3.3
3.465
V
VVDD18
AVDD18, DVDD18 Supply Voltage
l
1.8
1.86
1.92
V
VSVDD
SVDD SPI Supply Voltage
l
1.71
3.465
V
IAVDD33
AVDD33 Supply Current, AVDD33 = 3.3V
PD = SVDD
PD = GND
l
l
68
0.1
78
10
mA
µA
IDVDD33
DVDD33 Supply Current, DVDD33 = 3.3V
PD = SVDD
PD = GND
l
l
8
0.1
14
5
mA
µA
IAVDD18
AVDD18 Supply Current, AVDD18 = 1.86V fDAC = 2700MHz
fDAC = 1350MHz
fDAC = 0Hz, PD = SVDD
fDAC = 0Hz, PD = GND
l
l
l
l
780
425
23
3
870
480
27
180
mA
mA
mA
µA
IDVDD18
DVDD18 Supply Current, DVDD18 = 1.86V fDAC = 2700MHz
fDAC = 1350MHz
fDAC = 0Hz, PD = SVDD
fDAC = 0Hz, PD = GND
l
l
l
l
380
210
10
0.1
440
240
14
240
mA
mA
mA
µA
ISVDD
SVDD Supply Current (Note 4),
SVDD = 3.3V
fSCK = 0Hz
l
0.1
5
µA
Total Power Dissipation
fDAC = 2700MHz
fDAC = 1350MHz
fDAC = 0Hz, PD = SVDD
fDAC = 0Hz, PD = GND
2408
1432
312
6
mW
mW
mW
µW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com