Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2000 Datasheet HTML 16Page - Linear Technology LTC2000 Datasheet HTML 17Page - Linear Technology LTC2000 Datasheet HTML 18Page - Linear Technology LTC2000 Datasheet HTML 19Page - Linear Technology LTC2000 Datasheet HTML 20Page - Linear Technology LTC2000 Datasheet HTML 21Page - Linear Technology LTC2000 Datasheet HTML 22Page - Linear Technology LTC2000 Datasheet HTML 23Page - Linear Technology LTC2000 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
LTC2000A
20
2000afb
For more information www.linear.com/LTC2000A
OPERATION
Note that the sample clock (CKP/N) frequency is always
four times the DDR data input clock (DCKIP/N) frequency
indual-portmode.Forexample,tousetheDACat2.7Gsps,
apply a 2.7GHz clock to CKP/N and a 675MHz clock to
DCKIP/N and send data into both ports A and B (DAP/N,
DBP/N) at 1.35Gsps per port.
LatencyisdefinedasthedelayfromtheDCKIP/Ntransition
that samples a DAC code to the CKP/N rising transition
which causes that sample to appear at the DAC output
IOUTP/N. In dual-port mode the latency from DAP/N to
IOUTP/N is 10 sample clock cycles and the latency from
DBP/N to IOUTP/N is 11 cycles, starting from the CKP/N
rising edge that immediately follows the DCKIP/N transi-
tion that sampled the DAC code (Figure 4b).
Single-Port Mode
In single-port mode, data is written to port B (DBP/N) only,
allowing DAC output sampling rates of up to 1.35Gsps.
Figures 4c and 4d show a block diagram and sample
waveformsrepresentingsingle-portoperation.Samplesare
written to port B (DBP/N) and sampled on both the falling
and rising edges of the DDR data input clock (DCKIP/N) by
two groups of flip-flops. The contents of these flip-flops
are then interleaved into a single data stream by the 2:1
MUX and sampled by the DAC sample clock (CKP/N) at
frequencies up to 1.35GHz.
Notethatinsingle-portmodethesampleclock(CKP/N)fre-
quencyisalwaystwicetheDDRdatainputclock(DCKIP/N)
frequency. For example, to use the DAC at 1.35Gsps, apply
a 1.35GHz clock to CKP/N and a 675MHz clock to DCKIP/N
and send data into port B (DBP/N) at 1.35Gsps. In single-
port mode, port A (DAP/N) should be grounded. Due to
the design of the internal clock synchronizer in single port
mode, there is a half cycle shift in the single port latency.
The latency from DBP/N to IOUTP/N in single-port mode is
7.5 sample clock cycles, starting from the CKP/N falling
edge that immediately follows the DCKIP/N transition that
sampled the DAC code (Figure 4d).
After incoming data is sampled by DCKIP/N, an internal
multiplexer interleaves the data for resampling by the
DAC sample clock (CKP/N). See Figures 4a and 4b. After
a pipeline delay (latency) of up to 11 DAC sample clock
cycles, the rising edges of CKP/N update the DAC code
and a proportional differential output current is steered
between the two outputs (IOUTP/N). Note it takes about 3ns
(aperture delay) from the CKP/N rising edge that updates a
DACcodetotheactualIOUTP/NtransitionforthatDACcode.
An internal clock synchronizer monitors the incoming
phase of DCKIP/N and chooses the appropriate phase for
the multiplexer control signals to ensure that the data is
sampledcorrectlybyCKP/N.TheLTC2000Aalsogenerates
an LVDS clock output (DCKOP/N) by dividing the sample
clock frequency to simplify clocking of the host FPGA
or ASIC. Additional features such as pattern generation,
LVDS loopout, and junction temperature sensing simplify
system development and testing.
The serial peripheral interface (SPI) port allows configura-
tion and read back of the internal registers which control
the above functions.
Dual-Port Mode
In dual-port mode, data is written to both ports A and B
simultaneously and then subsequently interleaved inside
the LTC2000A, allowing DAC output sampling rates of up
to 2.7Gsps. Figures 4a and 4b show a simplified block
diagram and sample waveforms for dual-port operation.
The LVDS data input ports A and B are sampled on both
the falling and rising edges of the DDR data input clock
(DCKIP/N) by four groups of flip-flops. The contents of
these flip-flops are then interleaved by the 4:1 MUX and
sampled by the DAC sample clock (CKP/N) at frequencies
up to 2.7GHz, with data from port A (DAP/N) preceding
data from port B (DBP/N) at the DAC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com