Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 37 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 37 Page - Linear Technology

Back Button LTC2000 Datasheet HTML 33Page - Linear Technology LTC2000 Datasheet HTML 34Page - Linear Technology LTC2000 Datasheet HTML 35Page - Linear Technology LTC2000 Datasheet HTML 36Page - Linear Technology LTC2000 Datasheet HTML 37Page - Linear Technology LTC2000 Datasheet HTML 38Page - Linear Technology LTC2000 Datasheet HTML 39Page - Linear Technology LTC2000 Datasheet HTML 40Page - Linear Technology LTC2000 Datasheet HTML 41Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
LTC2000A
37
2000afb
For more information www.linear.com/LTC2000A
APPLICATIONS INFORMATION
A more integrated clock source is one based on a low
phase noise, low jitter PLL. Figure 13 shows how the
DAC sample clock can be generated from the LTC6946,
a high performance PLL with an internal VCO that can
provide output frequencies from 0.37GHz to 5.7GHz. See
the LTC6946 data sheet for details.
Synchronizing Multiple LTC2000As in Dual-Port Mode
In some applications, it is necessary to synchronize mul-
tiple LTC2000As to each other such that related samples
arrive at all DAC outputs simultaneously. Figures 14 and
15a show a block diagram and sample waveforms for
such a system in which two DACs (X and Y) are to be
synchronized in dual-port mode.
Note that in this example a small timing skew between
the two data signals at the DCKIP/N pins of DACs X and
Y has caused the DCKIP/N rising edges to arrive on op-
posite sides of a DAC sample clock (CKP/N) rising edge,
and thus within different CKP/N clock cycles. As a result
the default behavior is for the output of DAC Y to update
with sample N one cycle earlier than the output of DAC X.
It is possible to correct this misalignment and synchro-
nize DACs X and Y by adjusting the clock synchronizer
settings to subtract one cycle of latency from DAC X, as
shown in the adjusted waveform at the bottom of Figure
15a. See the Clock Synchronizer section and Figure 7 for
more details on the operation of the clock synchronizer.
In order to synchronize multiple DACs as shown in Fig-
ures 14 and 15a, distribute the DAC sample clock carefully
with matched delays so that it arrives at the CKP/N pins of
all DACs simultaneously. Any remaining timing mismatch
between sample clocks will appear directly as mismatch in
the DAC output timing. Ensure that the timing mismatch
between LVDS data clock signals at the DCKIP/N pins of all
DACs is less than 0.4 cycles of the DAC sample clock, mi-
nus any timing mismatch between the DAC sample clocks.
Besuretomaintainsufficientmatchingbetweenthetiming
of the LVDS data inputs (DAP/N, DBP/N) and DCKIP/N for
each DAC to meet the setup and hold time specifications
(t11, t12) in the Timing Characteristics section.
For example, let us consider a system using multiple DACs
at 2.7Gsps in which the sample clock is designed to arrive
at the CKP/N pins of all DACs within 30ps of one another.
The sample clock period is 370ps, so the maximum allow-
able timing mismatch between the data clock signals at
the DCKIP/N pins of all DACs will be (0.4 • 370ps) – 30ps
= 118ps. For a system using multiple DACs at 1.35Gsps,
the allowable mismatch between DCKIP/N pins will be (0.4
• 740ps) – 30ps = 266ps. In both cases, once the DACs
÷N = 250
÷O = 1
N_DIV
÷R = 10
fPFD
REF±
(fREF)
fREF*
100pF
+
+
100pF
L1
68nH
LTC6946
KPFD
fVCO
KVCO
ICP =
11.2mA
VRF+
CP
LOOP FILTER
LF(s)
2000A F13
TUNE
RZ
453
50
50
100pF
CI
0.022µF
R_DIV
O_DIV
RF±
*CRYSTEK CVHD-950-100.000 100MHz OSCILLATOR
RF+
RF–
(fRF)
25
15
CP
2700pF
L2
68nH
+
CKP
CKN
LTC2000A
Figure 13. DAC Sample Clock Generation with the LTC6946
Figure 12. DAC Sample Clock Generation with an
RF Signal Generator and a 1:1 Balun
+
50
•
•
50
100pF
LTC2000A F12
+
1nF
1nF
50
LTC2000A
MINI-CIRCUITS
TC1-1-13M
RF SIGNAL
GENERATOR
CKP
CKN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com