Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC2000 Datasheet HTML 23Page - Linear Technology LTC2000 Datasheet HTML 24Page - Linear Technology LTC2000 Datasheet HTML 25Page - Linear Technology LTC2000 Datasheet HTML 26Page - Linear Technology LTC2000 Datasheet HTML 27Page - Linear Technology LTC2000 Datasheet HTML 28Page - Linear Technology LTC2000 Datasheet HTML 29Page - Linear Technology LTC2000 Datasheet HTML 30Page - Linear Technology LTC2000 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
LTC2000A
27
2000afb
For more information www.linear.com/LTC2000A
OPERATION
Table 4. LVDS Clock SPI Registers
ADDRESS
BIT
NAME
DESCRIPTION
0x03
0
DCKI_EN
DCKIP/N Clock Receiver Enable. DCKI_EN = 1 enables LVDS clock receiver.
1
DCKI_OK
DCKIP/N Clock Present Indicator. When DCKI_OK = 1, clock is present at DCKIP/N pins and fDCKIP/N > 25MHz.
When DCKI_OK = 0, DAC output is forced to mid-scale unless pattern generator is enabled (PGEN_EN = 1).
DCKI_OK is read only.
2
DCKI_Q
DCKIP/N Quadrature Phase Select. For DCKI_Q = 0, DCKIP/N should be in phase with DAP/N and DBP/N.
Set DCKI_Q = 1 to use DCKIP/N in quadrature with DAP/N and DBP/N.
[6:4] DCKI_TADJ DCKIP/N Delay Adjust. Use with DCKI_Q = 0 to adjust delay of DCKIP/N relative to DAP/N and DBP/N.
For DCKI_Q = 1, DCKIP/N delay matches DAP/N and DBP/N and is unaffected by DCKI_TADJ.
DCKI_TADJ
NOMINAL DCKIP/N DELAY
DCKI_Q = 1
DCKI_Q = 0
110
0ps
230ps
111
0ps
315ps
000
0ps
400ps (Default)
001
0ps
485ps
010
0ps
570ps
Note: Register 0x03 resets to 0x00 (default).
Use SPI register 0x03 to control the LVDS data clock input
(see Table 4). Setting DCKI_EN=1 will enable the LVDS re-
ceiveratDCKIP/N.TheLTC2000Acontainsaclockdetector
which sets DCKI_OK=1 if the data input clock is present
and has a frequency greater than 25MHz (fDCKI > 25MHz).
When the data clock is not present (DCKI_OK = 0), the
DAC output is forced to mid-scale and the internal data
path is held at reset.
For maximum setup/hold margin, set DCKI_Q = 1 and
provide DCKIP/N in quadrature (90° out of phase) with
the data on DAP/N and DBP/N (Figure 3 in the Timing
Diagrams section). For DCKI_Q = 1, the internal delays
on DCKIP/N, DAP/N, and DBP/N are nominally matched.
Alternatively, it is possible to leave DCKI_Q= 0 and provide
the clock at DCKIP/N in phase with the data on DAP/N
and DBP/N (see Figure 2 of the Timing Diagram section).
In this case, an internal 400ps delay on DCKIP/N is used
to provide setup/hold margin. Note that for DCKI_Q = 0,
supply and temperature variation may reduce the setup/
hold margin on the bus by up to 150ps. If desired, users
may use the DCKI_TADJ bits in register 0x03 to adjust
the 400ps internal DCKIP/N delay with a typical resolu-
tion of 85ps.
Board trace lengths on DCKIP/N, DAP/N, and DBP/N must
be carefully matched to ensure that phase alignment is
maintained on all inputs. If desired during development,
usersmayobservetherelativetimingofneighboringLVDS
inputs on the TSTP/N pins (refer to the Measuring LVDS
Input Timing Skew section).
LVDS Data Input Ports (DAP/N, DBP/N)
The LTC2000A-16/LTC2000A-14/LTC2000A-11 allow for
DAC Code Data to be applied through one or two parallel
16-/14-/11-bit LVDS ports (DAP/N, DBP/N). Each port can
run up to 1.35Gbps using a double-data-rate (DDR) LVDS
data clock (DCKIP/N) at frequencies up to 675MHz. The
data input format is two’s complement.
There are two modes of operation for applying the DAC
code to the LTC2000A — single-port mode and dual-
port mode. Single port operation uses only LVDS port B
(DBP/N) and allows sample rates of up to 1.35Gsps. Dual
port operation uses both LVDS ports (DAP/N and DBP/N)
and allows sample rates up to 2.7Gsps.
Use SPI register 0x04 to control the LVDS data input
ports (see Table 5). After the clocks have stabilized and
the synchronizer has initialized itself, set DATA_EN = 1
to allow the data from ports A and B to be used to update
the DAC code. Clear DATA_EN = 0 to mute the DAC and
force the DAC code to mid-scale as desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com