Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2000 Datasheet HTML 12Page - Linear Technology LTC2000 Datasheet HTML 13Page - Linear Technology LTC2000 Datasheet HTML 14Page - Linear Technology LTC2000 Datasheet HTML 15Page - Linear Technology LTC2000 Datasheet HTML 16Page - Linear Technology LTC2000 Datasheet HTML 17Page - Linear Technology LTC2000 Datasheet HTML 18Page - Linear Technology LTC2000 Datasheet HTML 19Page - Linear Technology LTC2000 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
LTC2000A
16
2000afb
For more information www.linear.com/LTC2000A
TYPICAL PERFORMANCE CHARACTERISTICS I
OUTFS = 40mA, TA = 25°C, AVDD18 = DVDD18 = 1.86V,
AVDD33 = DVDD33 = 3.3V, RLOAD = 12.5, LIN_DIS = 0, LIN_ GN = 75% unless otherwise noted.
LTC2000A-11 Differential
Nonlinearity (DNL)
LTC2000A-11 Single-Tone NSD
vs fOUT and fDAC
LTC2000A-11 Integral Nonlinearity
(INL)
CODE
–1024
0
0.5
1024
2000A G52
–0.5
–1.0
–512
0
512
1.0
CODE
–1024
0
0.25
1024
2000A G53
–0.25
–1.50
–512
0
512
0.50
fOUT (MHz)
0
–170
–165
–160
–155
–150
–145
200
400
600
800
2000A G54
1000 1200
2.7Gsps
1.25Gsps
DIGITAL AMPLITUDE = 0dBFS
40mA FULL-SCALE CURRENT
0dBm SINGLE TONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com