Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2221 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2221
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2221 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2221 Datasheet HTML 3Page - Linear Technology LTC2221 Datasheet HTML 4Page - Linear Technology LTC2221 Datasheet HTML 5Page - Linear Technology LTC2221 Datasheet HTML 6Page - Linear Technology LTC2221 Datasheet HTML 7Page - Linear Technology LTC2221 Datasheet HTML 8Page - Linear Technology LTC2221 Datasheet HTML 9Page - Linear Technology LTC2221 Datasheet HTML 10Page - Linear Technology LTC2221 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC2220/LTC2221
7
22201fa
0
600
500
400
100
200
300
INPUT FREQUENCY (MHz)
80
90
100
2220 G07
70
60
40
50
0
600
500
400
100
200
300
INPUT FREQUENCY (MHz)
80
90
100
2220 G08
70
60
40
50
0
600
500
400
100
200
300
INPUT FREQUENCY (MHz)
80
90
100
2220 G09
70
60
40
50
95
90
85
80
75
70
65
60
55
50
SAMPLE RATE (Msps)
2220 G10
040
80
120
160
200
95
90
85
80
75
70
65
60
55
50
290
280
270
260
250
240
230
220
210
SAMPLE RATE (Msps)
2220 G11
040
80
120
160
200
SAMPLE RATE (Msps)
2220 G12
040
80
120
160
200
SAMPLE RATE (Msps)
2220 G13
040
80
120
160
200
2V RANGE
1V RANGE
INPUT LEVEL (dBFS)
–60
–50
–40
–30
–20
2220 G14
–10
100
90
80
70
60
50
40
30
20
10
0
0
60
50
40
30
20
10
0
dBFS
dBc
LVDS OUTPUTS, 0VDD = 3.3V
CMOS OUTPUTS, 0VDD = 1.8V
SFDR
SNR
SFDR
SNR
LTC2220: SFDR (HD2 and HD3)
vs Input Frequency, –1dB, 1V
Range, LVDS Mode
LTC2220: SFDR (HD4+) vs Input
Frequency, –1dB, 2V Range,
LVDS Mode
LTC2220: SFDR (HD4+) vs Input
Frequency, –1dB, 1V Range,
LVDS Mode
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2220: SFDR and SNR
vs Sample Rate, 1V Range,
fIN = 30MHz, –1dB, LVDS Mode
LTC2220: SFDR and SNR
vs Sample Rate, 2V Range,
fIN = 30MHz, –1dB, LVDS Mode
LTC2220: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2220: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2220: SFDR vs Input Level,
fIN = 70MHz, 2V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com