Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2221 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2221
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2221 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2221 Datasheet HTML 5Page - Linear Technology LTC2221 Datasheet HTML 6Page - Linear Technology LTC2221 Datasheet HTML 7Page - Linear Technology LTC2221 Datasheet HTML 8Page - Linear Technology LTC2221 Datasheet HTML 9Page - Linear Technology LTC2221 Datasheet HTML 10Page - Linear Technology LTC2221 Datasheet HTML 11Page - Linear Technology LTC2221 Datasheet HTML 12Page - Linear Technology LTC2221 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC2220/LTC2221
9
22201fa
79331
21767
123
322
29529
100000
80000
60000
40000
20000
0
2058
2059
2060
2061
2057
INPUT FREQUENCY (MHz)
0
69
67
65
63
61
59
57
55
600
500
400
2221 G04
100
200
300
INPUT FREQUENCY (MHz)
0
69
67
65
63
61
59
57
55
600
500
400
2221 G05
100
200
300
INPUT FREQUENCY (MHz)
0
600
500
400
2221 G06
100
200
300
95
90
85
80
75
70
65
60
55
50
INPUT FREQUENCY (MHz)
0
600
500
400
2221 G07
100
200
300
95
90
85
80
75
70
65
60
55
50
INPUT FREQUENCY (MHz)
0
600
500
400
2221 G09
100
200
300
95
90
85
80
75
70
65
60
55
50
INPUT FREQUENCY (MHz)
0
600
500
400
2221 G08
100
200
300
95
90
85
80
75
70
65
60
55
50
2221 G02
2221 G03
OUTPUT CODE
0
4096
2221 G01
1024
2048
3072
OUTPUT CODE
CODE
0
4096
1024
2048
3072
1.0
0.8
0.6
0.4
0.2
0
– 0.2
– 0.4
– 0.6
– 0.8
– 1.0
1.0
0.8
0.6
0.4
0.2
0
– 0.2
– 0.4
– 0.6
– 0.8
– 1.0
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2221: INL, 2V Range
LTC2221: DNL, 2V Range
LTC2221: Shorted Input Noise
Histogram
LTC2221: SNR vs Input
Frequency, –1dB, 2V Range,
LVDS Mode
LTC2221: SFDR (HD2 and HD3)
vs Input Frequency, –1dB, 2V
Range, LVDS Mode
LTC2221: SNR vs Input
Frequency, –1dB, 1V Range,
LVDS Mode
LTC2221: SFDR (HD2 and HD3)
vs Input Frequency, –1dB, 1V
Range, LVDS Mode
LTC2221: SFDR (HD4+) vs Input
Frequency, –1dB, 2V Range,
LVDS Mode
LTC2221: SFDR (HD4+) vs Input
Frequency, –1dB, 1V Range,
LVDS Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com