Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2221 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2221
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2221 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2221 Datasheet HTML 6Page - Linear Technology LTC2221 Datasheet HTML 7Page - Linear Technology LTC2221 Datasheet HTML 8Page - Linear Technology LTC2221 Datasheet HTML 9Page - Linear Technology LTC2221 Datasheet HTML 10Page - Linear Technology LTC2221 Datasheet HTML 11Page - Linear Technology LTC2221 Datasheet HTML 12Page - Linear Technology LTC2221 Datasheet HTML 13Page - Linear Technology LTC2221 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC2220/LTC2221
10
22201fa
TYPICAL PERFOR A CE CHARACTERISTICS
SAMPLE RATE (Msps)
0
160
2221 G10
40
80
120 140
20
60
100
100
95
90
85
80
75
70
65
60
SFDR
SNR
SAMPLE RATE (Msps)
0
160
2221 G11
40
80
120 140
20
60
100
100
95
90
85
80
75
70
65
60
SFDR
SNR
SAMPLE RATE (Msps)
0
80
220
210
200
190
180
170
160
150
2221 G12
40
160
120
20
100
60
180
140
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
40
80 100
180
2221 G13
20
60
120 140 160
60
50
40
30
20
10
0
LVDS OUTPUTS, OVDD = 3.3V
CMOS OUTPUTS, OVDD = 1.8V
INPUT LEVELS (dBFS)
–60
–50
–40
–30
–20
2221 G14
–10
100
90
80
70
60
50
40
30
20
10
0
0
dBFS
dBc
LTC2221: SFDR and SNR
vs Sample Rate, 2V Range,
fIN = 30MHz, –1dB, LVDS Mode
LTC2221: SFDR and SNR
vs Sample Rate, 1V Range,
fIN = 30MHz, –1dB, LVDS Mode
LTC2221: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2221: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2221: SFDR vs Input Level,
fIN = 70MHz, 2V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com