Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2221 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2221
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2221 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2221 Datasheet HTML 19Page - Linear Technology LTC2221 Datasheet HTML 20Page - Linear Technology LTC2221 Datasheet HTML 21Page - Linear Technology LTC2221 Datasheet HTML 22Page - Linear Technology LTC2221 Datasheet HTML 23Page - Linear Technology LTC2221 Datasheet HTML 24Page - Linear Technology LTC2221 Datasheet HTML 25Page - Linear Technology LTC2221 Datasheet HTML 26Page - Linear Technology LTC2221 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC2220/LTC2221
23
22201fa
duty cycle stabilizer will maintain a constant 50% internal
duty cycle. If the clock is turned off for a long period of
time, the duty cycle stabilizer circuit will require one
hundred clock cycles for the PLL to lock onto the input
clock. To use the clock duty cycle stabilizer, the MODE pin
should be connected to 1/3VDD or 2/3VDD using external
resistors.
The lower limit of the LTC2220/LTC2221 sample rate is
determined by droop of the sample-and-hold circuits. The
pipelined architecture of this ADC relies on storing analog
signals on small valued capacitors. Junction leakage will
discharge the capacitors. The specified minimum operat-
ing frequency for the LTC2220/LTC2221 is 1Msps.
Digital Output Modes
The LTC2220/LTC2221 can operate in several digital out-
put modes: LVDS, CMOS running at full speed, and CMOS
demultiplexed onto two buses, each of which runs at half
speed. In the demultiplexed CMOS modes the two buses
(referred to as bus A and bus B) can either be updated on
alternate clock cycles (interleaved mode) or simultaneously
(simultaneous mode). For details on the clock timing, refer
to the timing diagrams.
The LVDS pin selects which digital output mode the part
uses. This pin has a four-level logic input which should be
connected to GND, 1/3VDD, 2/3VDD or VDD. An external
resistor divider can be used to set the 1/3VDD or 2/3VDD
logic values. Table 2 shows the logic states for the LVDS
pin.
APPLICATIO S I FOR ATIO
LTC2220/LTC2221
22201 F13a
OVDD
VDD
VDD
0.1
µF
43
Ω
TYPICAL
DATA
OUTPUT
OGND
OVDD
0.5V
TO 3.6V
PREDRIVER
LOGIC
DATA
FROM
LATCH
OE
Figure 13a. Digital Output Buffer in CMOS Mode
DIGITAL OUTPUTS
Table 1. Output Codes vs Input Voltage
AIN
+ – AIN–
D11 – D0
D11 – D0
(2V Range)
OF
(Offset Binary)
(2’s Complement)
>+1.000000V
1
1111 1111 1111
0111 1111 1111
+0.999512V
0
1111 1111 1111
0111 1111 1111
+0.999024V
0
1111 1111 1110
0111 1111 1110
+0.000488V
0
1000 0000 0001
0000 0000 0001
0.000000V
0
1000 0000 0000
0000 0000 0000
–0.000488V
0
0111 1111 1111
1111 1111 1111
–0.000976V
0
0111 1111 1110
1111 1111 1110
–0.999512V
0
0000 0000 0001
1000 0000 0001
–1.000000V
0
0000 0000 0000
1000 0000 0000
<–1.000000V
1
0000 0000 0000
1000 0000 0000
22201 F12Ía
ENC–
1.6V
VTHRESHOLD = 1.6V
ENC+
0.1
µF
LTC2220/
LTC2221
22201 F12b
ENC–
ENC+
130
Ω
3.3V
3.3V
130
Ω
D0
Q0
Q0
MC100LVELT22
LTC2220/
LTC2221
83
Ω
83
Ω
Figure 12a. Single-Ended ENC Drive,
Not Recommended for Low Jitter
Figure 12b. ENC Drive Using a CMOS to PECL Translator
Table 2. LVDS Pin Function
LVDS
Digital Output Mode
GND
Full-Rate CMOS
1/3VDD
Demultiplexed CMOS, Simultaneous Update
2/3VDD
Demultiplexed CMOS, Interleaved Update
VDD
LVDS
Digital Output Buffers (CMOS Modes)
Figure 13a shows an equivalent circuit for a single output
buffer in the CMOS output mode. Each buffer is powered
by OVDD and OGND, which are isolated from the ADC
power and ground. The additional N-channel transistor in
the output driver allows operation down to voltages as low
as 0.5V. The internal resistor in series with the output
makes the output appear as 50
Ω to external circuitry and
may eliminate the need for external damping resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com