Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2221 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2221
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2221 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2221 Datasheet HTML 18Page - Linear Technology LTC2221 Datasheet HTML 19Page - Linear Technology LTC2221 Datasheet HTML 20Page - Linear Technology LTC2221 Datasheet HTML 21Page - Linear Technology LTC2221 Datasheet HTML 22Page - Linear Technology LTC2221 Datasheet HTML 23Page - Linear Technology LTC2221 Datasheet HTML 24Page - Linear Technology LTC2221 Datasheet HTML 25Page - Linear Technology LTC2221 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC2220/LTC2221
22
22201fa
Other voltage ranges in between the pin selectable ranges
can be programmed with two external resistors as shown
in Figure 10. An external reference can be used by applying
its output directly or through a resistor divider to SENSE.
It is not recommended to drive the SENSE pin with a logic
device. The SENSE pin should be tied to the appropriate
level as close to the converter as possible. If the SENSE pin
is driven externally, it should be bypassed to ground as
close to the device as possible with a 1
µF ceramic capacitor.
2. Use as large an amplitude as possible; if transformer
coupled use a higher turns ratio to increase the amplitude.
3. If the ADC is clocked with a sinusoidal signal, filter the
encode signal to reduce wideband noise.
4. Balance the capacitance and series resistance at both
encode inputs so that any coupled noise will appear at both
inputs as common mode noise. The encode inputs have a
common mode range of 1.1V to 2.5V. Each input may be
driven from ground to VDD for single-ended drive.
APPLICATIO S I FOR ATIO
VDD
VDD
LTC2220/LTC2221
22201 F11
VDD
ENC–
ENC+
1.6V BIAS
1.6V BIAS
1:4
0.1
µF
CLOCK
INPUT
50
Ω
6k
6k
TO INTERNAL
ADC CIRCUITS
Figure 11. Transformer Driven ENC+/ENC–
VCM
SENSE
1.6V
0.8V
2.2
µF
12k
1
µF
12k
22201 F10
LTC2220/
LTC2221
Figure 10. 1.6V Range ADC
Input Range
The input range can be set based on the application. The
2V input range will provide the best signal-to-noise perfor-
mance while maintaining excellent SFDR. The 1V input
range will have better SFDR performance, but the SNR will
degrade by 5dB. See the Typical Performance Character-
istics section.
Driving the Encode Inputs
The noise performance of the LTC2220/LTC2221 can
depend on the encode signal quality as much as on the
analog input. The ENC+/ENC– inputs are intended to be
driven differentially, primarily for noise immunity from
common mode noise sources. Each input is biased through
a 6k resistor to a 1.6V bias. The bias resistors set the DC
operating point for transformer coupled drive circuits and
can set the logic threshold for single-ended drive circuits.
Any noise present on the encode signal will result in
additional aperture jitter that will be RMS summed with the
inherent ADC aperture jitter.
In applications where jitter is critical (high input frequen-
cies) take the following into consideration:
1. Differential drive should be used.
Maximum and Minimum Encode Rates
The maximum encode rate for the LTC2220/LTC2221 is
170Msps (LTC2220) and 135Msps (LTC2221). For the
ADC to operate properly, the encode signal should have a
50% (
±5%) duty cycle. Each half cycle must have at least
2.8ns (LTC2220) or 3.5ns (LTC2221) for the ADC internal
circuitry to have enough settling time for proper operation.
Achieving a precise 50% duty cycle is easy with differential
sinusoidal drive using a transformer or using symmetric
differential logic such as PECL or LVDS.
An optional clock duty cycle stabilizer circuit can be used
if the input clock has a non 50% duty cycle. This circuit
uses the rising edge of the ENC+ pin to sample the analog
input. The falling edge of ENC+ is ignored and the internal
falling edge is generated by a phase-locked loop. The input
clock duty cycle can vary from 30% to 70% and the clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com