Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6236 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6236
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6236 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6236 Datasheet HTML 3Page - Linear Technology LT6236 Datasheet HTML 4Page - Linear Technology LT6236 Datasheet HTML 5Page - Linear Technology LT6236 Datasheet HTML 6Page - Linear Technology LT6236 Datasheet HTML 7Page - Linear Technology LT6236 Datasheet HTML 8Page - Linear Technology LT6236 Datasheet HTML 9Page - Linear Technology LT6236 Datasheet HTML 10Page - Linear Technology LT6236 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
LTC2372-16
7
237216f
For more information www.linear.com/LTC2372-16
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground.
Note 3: When these pin voltages are taken below ground or above VDD or
OVDD, they will be clamped by internal diodes. This product can handle
input currents up to 100mA below ground or above VDD or OVDD without
latchup.
Note 4: VDD = 5V, OVDD = 2.5V, fSMPL = 500kHz, REFIN = 2.048V unless
otherwise noted.
Note 5: Recommended operating conditions.
Note 6: Guaranteed by design, not subject to test.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Fully differential zero-scale error is the offset voltage measured
from –0.5LSB when the output code flickers between 0111 1111 1111 1111
and 1000 0000 0000 0000 in straight binary format and 0000 0000 0000
0000 and 1111 1111 1111 1111 in two’s complement format. Unipolar
zero-scale error is the offset voltage measured from 0.5LSB when the
output code flickers between 0000 0000 0000 0000 and 0000 0000
0000 0001. Bipolar zero-scale error is the offset voltage measured from
–0.5LSB when the output code flickers between 0000 0000 0000 0000 and
1111 1111 1111 1111. Fully differential full-scale error is the worst-case
deviation of the first and last code transitions from ideal and includes
the effect of offset error. Unipolar full-scale error is the deviation of the
last code transition from the ideal and includes the effect of offset error.
Bipolar full-scale error is the worst-case deviation of the first and last code
transitions from ideal and includes the effect of offset error.
Note 9: When REFBUF is overdriven, the internal reference buffer must be
turned off by setting REFIN=0V.
Note 10: All specifications in dB are referred to a full-scale ±VREFBUF (fully
differential), 0V to VREFBUF (pseudo-differential unipolar), or ±VREFBUF/2
(pseudo-differential bipolar) input.
Note 11: Temperature coefficient is calculated by dividing the maximum
change in output voltage by the specified temperature range.
Note 12: fSMPL = 500kHz, IREFBUF varies proportionally with sample rate.
Note 13: Parameter tested and guaranteed at OVDD = 1.71V, OVDD = 2.5V
and OVDD = 5.25V.
Note 14: tSCK of 10ns maximum allows a shift clock frequency up to
100MHz for rising edge capture.
Figure 1. Voltage Levels for Timing Specifications
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
elecTrical characTerisTics
0.8 • OVDD
0.2 • OVDD
50%
50%
237216 F01
0.2 • OVDD
0.8 • OVDD
0.2 • OVDD
0.8 • OVDD
tDELAY
tWIDTH
tDELAY
tQUIET
SCK, SDI and RDL Quiet Time from CNV↑
(Note 6)
l
20
ns
tSCK
SCK Period
(Notes 13, 14)
l
10
ns
tSCKH
SCK High Time
l
4
ns
tSCKL
SCK Low Time
l
4
ns
tSSDISCK
SDI Setup Time From SCK↑
(Note 13)
l
4
ns
tHSDISCK
SDI Hold Time From SCK↑
(Note 13)
l
1
ns
tDSDO
SDO Data Valid Delay from SCK↑
CL = 20pF, OVDD = 5.25V
CL = 20pF, OVDD = 2.5V
CL = 20pF, OVDD = 1.71V
l
l
l
7.5
8
9.5
ns
ns
ns
tHSDO
SDO Data Remains Valid Delay from SCK↑
CL = 20pF (Note 6)
l
1
ns
tDSDOBUSYL
SDO Data Valid Delay from BUSY↓
CL = 20pF (Note 6)
l
5
ns
tEN
Bus Enable Time After RDL↓
(Note 13)
l
16
ns
tDIS
Bus Relinquish Time After RDL↑
(Note 13)
l
13
ns
tWAKE
REFBUF Wake-Up Time
CREFBUF = 47μF, CREFIN = 0.1µF
200
ms
tCNVMRST
CNV↑ to MUX Starts Resetting Delay
l
38
ns
tMRST1
MUX Reset Time During Conversion
l
36
ns
tVLDMRST
8th SCK↑ to MUX Starts Resetting Delay After
Programming 1st Valid Configuration Word
l
40
ns
tMRST2
MUX Reset Time During Acquisition After
Programming 1st Valid Configuration Word
l
42
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com