Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6236 Datasheet(PDF) 10 Page - Linear Technology

Part # LT6236
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6236 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6236 Datasheet HTML 6Page - Linear Technology LT6236 Datasheet HTML 7Page - Linear Technology LT6236 Datasheet HTML 8Page - Linear Technology LT6236 Datasheet HTML 9Page - Linear Technology LT6236 Datasheet HTML 10Page - Linear Technology LT6236 Datasheet HTML 11Page - Linear Technology LT6236 Datasheet HTML 12Page - Linear Technology LT6236 Datasheet HTML 13Page - Linear Technology LT6236 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
LTC2372-16
10
237216f
For more information www.linear.com/LTC2372-16
Typical perForMance characTerisTics
Differential Nonlinearity vs
Output Code
DC Histogram (Near Full-Scale)
32k Point FFT fSMPL = 500ksps,
fIN = 1kHz
32k Point FFT fSMPL = 500ksps,
fIN = 1kHz, REFBUF = 5V
SNR, SINAD vs REFBUF, fIN = 1kHz
THD, Harmonics vs REFBUF,
fIN = 1kHz
Integral Nonlinearity vs Output
Code
DC Histogram (Zero-Scale)
TA = 25°C, VDD = 5V, OVDD = 2.5V, REFIN = 2.048V,
Pseudo-Differential Unipolar Range, fSMPL = 500ksps, unless otherwise noted.
SNR, SINAD vs Input Level,
fIN = 1kHz
OUTPUT CODE
0
16384
32768
49152
65536
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
0.6
0.8
1.0
237216 G19
OUTPUT CODE
0
16384
32768
49152
65536
–0.5
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
0.3
0.4
0.5
231716 G20
σ = 0.46
CODE
6
7
8
9
10
0
50000
100000
150000
200000
250000
231716 G21
σ = 0.51
CODE
65512 65513 65514 65515 65516
0
50000
100000
150000
200000
237216 G22
SNR
SINAD
REFBUF VOLTAGE (V)
2.5
3
3.5
4
4.5
5
90.0
91.0
92.0
93.0
94.0
95.0
237216 G25
THD
3RD
2ND
REFBUF VOLTAGE (V)
2.5
3
3.5
4
4.5
5
–130.0
–125.0
–120.0
–115.0
–110.0
–105.0
237216 G26
SNR
SINAD
INPUT LEVEL (dB)
–40
–30
–20
–10
0
90.0
91.0
92.0
93.0
94.0
95.0
237216 G27
SNR = 93.6dB
THD = –109dB
SINAD = 93.5dB
SFDR = 111.5dB
FREQUENCY (kHz)
0
50
100
150
200
250
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
237216 G23
SNR = 94.5dB
THD = –110.8dB
SINAD = 94.4dB
SFDR = 112.1dB
FREQUENCY (kHz)
0
50
100
150
200
250
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
237216 G24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com