Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6236 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6236
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6236 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6236 Datasheet HTML 12Page - Linear Technology LT6236 Datasheet HTML 13Page - Linear Technology LT6236 Datasheet HTML 14Page - Linear Technology LT6236 Datasheet HTML 15Page - Linear Technology LT6236 Datasheet HTML 16Page - Linear Technology LT6236 Datasheet HTML 17Page - Linear Technology LT6236 Datasheet HTML 18Page - Linear Technology LT6236 Datasheet HTML 19Page - Linear Technology LT6236 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
LTC2372-16
16
237216f
For more information www.linear.com/LTC2372-16
FuncTional block DiagraM
TiMing DiagraM
Typical Conversion and Serial Interface Timing
VDD = 5V
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
OVDD = 1.8V
TO 5V
VDDLBYP = 2.5V
RDL
15k
GND
REFIN = 1.25V
TO 2.4V
REFBUF = 2.5V
TO 5V
ADCIN–
MUXOUT–
ADCIN+
MUXOUT+
2x REFERENCE
BUFFER
SDO
SCK
SDI
CNV
BUSY
RESET
2.048V
REFERENCE
CONTROL LOGIC
LDO
SEQUENCER
LTC2372-16
16-BIT SAMPLING ADC
SPI
PORT
+
–
237216 BD01
NAP
CONVERT
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
SDO
SCK
CNV
RESET = 0
N
N + 1
BUSY
RDL
SOS A3 A2 A1 A0
C7
Hi-Z
Hi-Z
DATA FROM CONVERSION N
CONFIGURATION WORD
FROM CONVERSION N
C6 C5 C4 C3 C2 C1 C0
SDI
237216 TD01
CONFIGURATION WORD
FOR CONVERSION N + 1
R1 R0 SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com