Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6236 Datasheet(PDF) 37 Page - Linear Technology

Part # LT6236
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6236 Datasheet(HTML) 37 Page - Linear Technology

Back Button LT6236 Datasheet HTML 33Page - Linear Technology LT6236 Datasheet HTML 34Page - Linear Technology LT6236 Datasheet HTML 35Page - Linear Technology LT6236 Datasheet HTML 36Page - Linear Technology LT6236 Datasheet HTML 37Page - Linear Technology LT6236 Datasheet HTML 38Page - Linear Technology LT6236 Datasheet HTML 39Page - Linear Technology LT6236 Datasheet HTML 40Page - Linear Technology LT6236 Datasheet HTML 41Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
LTC2372-16
37
237216f
For more information www.linear.com/LTC2372-16
TiMing DiagraMs
Figure 25. Using a Single LTC2372-16 without Programming the Sequencer
Single Device, Sequencer Not Programmed
RDL enables or disables the serial data I/O bus. If RDL is
high, the serial data I/O bus is disabled and the serial shift
clock SCK is ignored. If RDL is low, SDO is driven and
serial input data may be shifted in at SDI. Figure 25 shows
a single LTC2372-16 operated with RDL and RESET tied
to ground. With RDL grounded, the serial data I/O bus is
enabled and the MSB(D15) of the new conversion data
is available tDSDOBUSYL after the falling edge of BUSY.
The start-of-sequence (SOS) bit followed by the current
configuration is shifted out after the conversion data.
Bringing SDI low during data readback as shown closes
the sequencer programming window at the first rising
edge of SCK after the falling edge of BUSY since C[7] = 0.
As a result, the sequencer is not programmed.
CONVERT
DIGITAL HOST
IRQ
DATA IN
SDI
CLK
CNV
BUSY
SDO
SDI
SCK
RDL
RESET
LTC2372-16
CNV
RDL = 0
RESET = 0
NAP
ACQUIRE
HOLD
CONVERT
CONVERT
NAP
ACQUIRE
BUSY
tCNVH
tCONV
tBUSYLH
1
2
3
15
SCK
16
17
18
19
SDO
237216 F25
D15
D14
D13
D0
SOS
tDSDO
tHSDO
tSCK
A[3] A[2] A[1]
A[0] R[1] R[0] SEL
20
21
22
SDI
tQUIET
tCNVL
tACQ
tACQ = tCYC – tHOLD
tCYC
tDSDOBUSYL
tSCKH
tSCKL
tHOLD
HOLD
23
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com