Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6236 Datasheet(PDF) 50 Page - Linear Technology

Part # LT6236
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6236 Datasheet(HTML) 50 Page - Linear Technology

Back Button LT6236 Datasheet HTML 42Page - Linear Technology LT6236 Datasheet HTML 43Page - Linear Technology LT6236 Datasheet HTML 44Page - Linear Technology LT6236 Datasheet HTML 45Page - Linear Technology LT6236 Datasheet HTML 46Page - Linear Technology LT6236 Datasheet HTML 47Page - Linear Technology LT6236 Datasheet HTML 48Page - Linear Technology LT6236 Datasheet HTML 49Page - Linear Technology LT6236 Datasheet HTML 50Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 50 / 50 page
background image
LTC2372-16
50
237216f
For more information www.linear.com/LTC2372-16
LINEAR TECHNOLOGY CORPORATION 2015
LT 0515 • PRINTED IN USA
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC2372-16
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC2378-20/LTC2377-20
LTC2376-20
20-Bit, 1Msps/500ksps/250ksps, ±0.5ppm
INL Serial, Low Power ADC
2.5V Supply, ±5V Fully Differential Input, 104dB SNR, MSOP-16 and
4mm × 3mm DFN-16 Packages
LTC2379-18/LTC2378-18
LTC2377-18/LTC2376-18
18-Bit, 1.6Msps/1Msps/500ksps/250ksps
Serial, Low Power ADC
2.5V Supply, Differential Input, 101.2dB SNR, ±5V Input Range, DGC,
Pin-Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2380-16/LTC2378-16
LTC2377-16/LTC2376-16
16-Bit, 2Msps/1Msps/500ksps/250ksps
Serial, Low Power ADC
2.5V Supply, Differential Input, 96.2dB SNR, ±5V Input Range, DGC,
Pin-Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2369-18/LTC2368-18
LTC2367-18/LTC2364-18
18-Bit, 1.6Msps/1Msps/500ksps/250ksps
Serial, Low Power ADC
2.5V Supply, Pseudo-Differential Unipolar Input, 96.5dB SNR, 0V to 5V Input
Range, Pin-Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2370-16/LTC2368-16
LTC2367-16/LTC2364-16
16-Bit, 2Msps/1Msps/500ksps/250ksps
Serial, Low Power ADC
2.5V Supply, Pseudo-Differential Unipolar Input, 94dB SNR, 0V to 5V Input
Range, Pin-Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
DACs
LTC2756
18-Bit, Serial IOUT SoftSpan™ DAC
±1LSB INL/DNL, Software-Selectable Ranges, SSOP-28 Package
LTC2641
16-Bit/14-Bit/12-Bit Single Serial VOUT DAC ±1LSB INL/DNL, MSOP-8 Package, 0V to 5V Output
LTC2630
12-Bit/10-Bit/8-Bit Single VOUT DACs
SC70 6-Pin Package, Internal Reference, ±1LSB INL (12 Bits)
References
LTC6655
Precision Low Drift Low Noise Buffered
Reference
5V/2.5V/2.048V/1.2V, 2ppm/°C, 0.25ppm Peak-to-Peak Noise, MSOP-8 Package
LTC6652
Precision Low Drift Low Noise Buffered
Reference
5V/2.5V/2.048V/1.2V, 5ppm/°C, 2.1ppm Peak-to-Peak Noise, MSOP-8 Package
Amplifiers
LT6237/LT6236
Dual/Single Rail-to-Rail Output ADC Driver
215MHz GBW, 1.1nV/√Hz, 3.5mA Supply Current
LT6350
Low Noise Single-Ended-to-Differential ADC
Driver
Rail-to-Rail Inputs and Outputs, 240ns, 0.01% Settling Time
LTC6362
Low Power, Fully Differential Input/Output
Amplifier/Driver
Single 2.8V to 5.25V Supply, 1mA Supply Current, MSOP-8 and 3mm × 3mm
DFN-8 Packages
LTC6362 Configured to Accept a ±10V Input Signal Using a Single 5V Supply with Digital
Gain Compression Enabled on the LTC2372-16
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
MUX CHANNELS
CH0 AND CH1
SELECTED
MUXOUT+/– SHORTED TO ADCIN+/–
DIGITAL GAIN COMPRESSION ENABLED BY SETTING
SEL = 1 IN THE CONFIGURATION WORD
LTC2372-16
16-BIT ADC CORE
+
–
237216 TA02
1500pF
3.69V
3.69V
0.41V
0.41V
10µF
LTC6362
35.7
47µF
VDD
REFBUF
35.7
1500pF
0.22µF
0.22µF
–
+
5
4
1
8
6
333
333
850
850
3
2
1k
–
+
LT6236
LTC6362
1k
VCM
150
100
RSOURCE = 50
10V
0V
–10V
VSOURCE
10µF
10µF
V+
V–
6
3
4
2
5
1
5V
4.096V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com