Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4232
Description  20A Guaranteed SOA Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4232 Datasheet HTML 2Page - Linear Technology LTC4232 Datasheet HTML 3Page - Linear Technology LTC4232 Datasheet HTML 4Page - Linear Technology LTC4232 Datasheet HTML 5Page - Linear Technology LTC4232 Datasheet HTML 6Page - Linear Technology LTC4232 Datasheet HTML 7Page - Linear Technology LTC4232 Datasheet HTML 8Page - Linear Technology LTC4232 Datasheet HTML 9Page - Linear Technology LTC4232 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4234
6
4234fa
For more information www.linear.com/LTC4234
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VDD = 12V unless otherwise noted.
IMON vs Temperature and VDD
GATE Pull-Up Current
vs Temperature
Gate Drive vs GATE Pull-Up
Current
Gate Drive vs VDD
SOA Constant vs Junction
Temperature
VISET vs Temperature
RON vs VDD and Temperature
Guaranteed MOSFET SOA Curve
PG, FLT VOUT Low vs ILOAD
TEMPERATURE (°C)
–50
0
2
4
6
8
–25
0
25
50
4234 G10
75 100 125 150
VDD = 3.3V TO 12V
VDS (V)
0.1
0.1
1
10
100
1
10
100
4234 G11
3ms
DC
30ms
TA = 25°C
SINGLE PULSE
>30ms SOA
GUARANTEED
CURRENT (mA)
0
14
12
10
8
6
4
2
0
6
10
4234 G12
2
4
8
12
TEMPERATURE (°C)
–50
95
100
105
25
75
150
4234 G13
90
85
80
–25
0
50
100 125
VDD = 3.3V TO 12V
ILOAD = 20A
TEMPERATURE (°C)
–50
–23.0
–23.5
–24.0
–24.5
–25.0
–25
0
25
50
4234 G14
75 100 125 150
IGATE (µA)
0
0
7
6
5
4
3
2
1
–5
–10
–15
–20
4234 G15
–25
–30
VDD = 12V
VDD = 3.3V
VDD (V)
0
6.2
6.0
5.8
5.6
5.4
5.2
5
10
15
4234 G16
20
25
30
JUNCTION TEMPERATURE (°C)
0
0.2
0.4
0.6
1.0
25
50
75
100
4234 G17
125
150
0.8
TEMPERATURE (°C)
–50
0.2
0.4
0.5
0.6
0.7
0
50
100
150
4234 G18
0.8
0.9
–25
25
75
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com