Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4232
Description  20A Guaranteed SOA Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4232 Datasheet HTML 3Page - Linear Technology LTC4232 Datasheet HTML 4Page - Linear Technology LTC4232 Datasheet HTML 5Page - Linear Technology LTC4232 Datasheet HTML 6Page - Linear Technology LTC4232 Datasheet HTML 7Page - Linear Technology LTC4232 Datasheet HTML 8Page - Linear Technology LTC4232 Datasheet HTML 9Page - Linear Technology LTC4232 Datasheet HTML 10Page - Linear Technology LTC4232 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC4234
7
4234fa
For more information www.linear.com/LTC4234
PIN FUNCTIONS
DNC: Do Not Connect. Leave open.
FB: Foldback and Power Good Input. Connect this pin to
an external resistive divider from OUT. If the voltage falls
below 0.6V, the current limit is reduced using a foldback
profile (see the Typical Performance Characteristics sec-
tion). If the voltage falls below 1.21V, the PG pin will pull
low to indicate the power is bad
FLT: Overcurrent Fault Indicator. Open-drain output pulls
low when an overcurrent fault has occurred and the circuit
breaker trips. For overcurrent auto-retry tie to UV pin (see
Applications Information section for details).
GATE: Gate Drive for Internal N-Channel MOSFET. An
internal 24µA current source charges the gate of the
N-channel MOSFET. At start-up the GATE pin ramps up
at a 0.35V/ms rate determined by internal circuitry. Dur-
ing an undervoltage or overvoltage condition a 250µA
pull-down current turns the MOSFET off. During a short
circuit or undervoltage lockout condition, a 140mA pull-
down current source between GATE and OUT is activated.
GND: Device Ground.
IMON: Current Monitor Output. The current in the internal
MOSFET switch is divided by 200,000 and sourced from
this pin. Placing a 20k resistor on this pin allows a 0V to
2V voltage swing when current ranges from 0A to 20A.
INTVCC: Internal 3.1V Supply Decoupling Output. This pin
must have a 1.0µF or larger bypass capacitor. Overloading
this pin can disrupt internal operation.
ISET: Current Limit Adjustment Pin. For 22.5A current limit
value, open this pin. This pin is driven by a 20k resistor
in series with a voltage source. The pin voltage is used
to generate the current limit threshold. The internal 20k
resistor (RISET) and an external resistor (RSET) between
ISET and ground create an attenuator that lowers the
current limit value. Due to circuit tolerance RSET should
not be less than 2k. In order to match the temperature
variation of the sense resistor, the voltage on this pin is
made proportional to temperature of the MOSFET switch.
OUT: Output of Internal MOSFET Switch. Connect this pin
directly to the load.
OV: Overvoltage Comparator Input. Connect this pin to an
external resistive divider from VDD. If the voltage at this
pin rises above 1.235V, an overvoltage is detected and
the switch turns off. Tie to GND if unused.
PG: Power Good Indicator. Open-drain output pulls low
when the FB pin drops below 1.21V indicating the power
is bad. If the voltage at FB rises above 1.235V and the
GATE-to-OUT voltage exceeds 4.2V, the open-drain pull-
down releases the PG pin to go high.
SENSE: Current Sense Node and MOSFET Drain. One
exposed pad on the UH package is connected to SENSE
and should be soldered to an electrically isolated printed
circuit board trace to properly transfer the heat out of the
package. Connect the SENSE pin 31 to the SENSE– pin 34.
SENSE−: Current Limit and Current Monitor Amplifier
Input. The current limit circuit controls the GATE pin to
limit the voltage between the VDD and SENSE– pins to
15mV (22.5A) or less depending on the voltage at the FB
pin. This pin must be connected to SENSE pin on the right
side (connect Pin 34 to Pin 31).
TIMER: Current Limit Timer Input. Connect a capacitor
between this pin and ground to set a 12ms/µF duration for
current limit before the switch is turned off. If the UV pin
is toggled low while the MOSFET switch is off, the switch
will turn on again following cool down time of 4.14s/µF
duration. Tie this pin to INTVCC for a fixed 2ms overcurrent
delay and 900ms cool down time.
UV: Undervoltage Comparator Input. Tie high to INTVCC
if unused. Connect this pin to an external resistive divider
from VDD. If the UV pin voltage falls below 1.15V, an un-
dervoltage is detected and the switch turns off. Pulling this
pin below 0.62V resets the overcurrent fault and allows
the switch to turn back on (see Application Information
section for details). If overcurrent auto-retry is desired
then tie this pin to the FLT pin.
VDD: Supply Voltage and Current Sense Input. This ex-
posed pad must be soldered to input power. VDD has an
undervoltage lockout threshold of 2.73V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com