Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4232
Description  20A Guaranteed SOA Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4232 Datasheet HTML 6Page - Linear Technology LTC4232 Datasheet HTML 7Page - Linear Technology LTC4232 Datasheet HTML 8Page - Linear Technology LTC4232 Datasheet HTML 9Page - Linear Technology LTC4232 Datasheet HTML 10Page - Linear Technology LTC4232 Datasheet HTML 11Page - Linear Technology LTC4232 Datasheet HTML 12Page - Linear Technology LTC4232 Datasheet HTML 13Page - Linear Technology LTC4232 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC4234
10
4234fa
For more information www.linear.com/LTC4234
APPLICATIONS INFORMATION
The typical LTC4234 application is in a high availability
system that uses a positive voltage supply to distribute
power to individual cards. The complete application circuit
is shown in Figure 1. External component selection is
discussed in detail in the following sections.
Turn-On Sequence
Several conditions must be present before the internal
pass MOSFET can be turned on. First the supply VDD must
exceed its undervoltage lockout level. Next the internally
generated supply INTVCC must cross its 2.65V undervolt-
agethreshold.Thisgeneratesa25µspower-on-resetpulse
whichclearsthefaultregisterandinitializesinternallatches.
After the power-on-reset pulse, the UV and OV pins must
indicate that the input voltage is within the acceptable
Figure 1. 10A, 12V Card Resident Application
range. All of these conditions must be satisfied for a du-
ration of 48ms to ensure that any contact bounce during
the insertion has ended.
The MOSFET is turned on by charging up the GATE with a
charge pump generated 24µA current source whose value
is adjusted by shunting a portion of the pull-up current to
ground. The charging current is controlled by the INRUSH
circuit that maintains a constant slope of GATE voltage
versus time (Figure 2). The voltage at the GATE pin rises
with a slope of 0.35[V/ms] and the supply inrush current
is set at:
IINRUSH= CL • 0.35[V/ms]
This gate slope is designed to charge up a 1000µF capaci-
tor to 12V in 34ms, with an inrush current of 350mA. This
t1
t2
SLOPE = 0.35[V/ms]
GATE
OUT
VDD + 6.15V
VDD
4234 F02
Figure 2. Supply Turn-On
ADC
R1
226k
C1
1µF
R2
20k
12V
4234 F01
CT
0.1µF
*TVS Z1: DIODES INC. SMAJ17A
CL
680µF
VOUT
12V
10A
VDD
Z1*
UV
OUT
FB
PG
GND
IMON
RSET
20k
RMON
20k
ISET
CGATE
0.1µF
RGATE
100k
GATE
LTC4234
OV
INTVCC
TIMER
SENSE–
SENSE
FLT
+
R3
140k
R4
20k
CCOMP
3.3nF
R7
10k
UV = 9.88V
OV = 15.2V
PG = 10.5V
R6
20k
R5
150k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com