Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4232
Description  20A Guaranteed SOA Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4232 Datasheet HTML 12Page - Linear Technology LTC4232 Datasheet HTML 13Page - Linear Technology LTC4232 Datasheet HTML 14Page - Linear Technology LTC4232 Datasheet HTML 15Page - Linear Technology LTC4232 Datasheet HTML 16Page - Linear Technology LTC4232 Datasheet HTML 17Page - Linear Technology LTC4232 Datasheet HTML 18Page - Linear Technology LTC4232 Datasheet HTML 19Page - Linear Technology LTC4232 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC4234
16
4234fa
For more information www.linear.com/LTC4234
APPLICATIONS INFORMATION
Figure 6. The second layer is 1oz copper connected to
the vias to the SENSE pad on the top layer. Two versions
of the second layer are considered. One uses a minimum
sized SENSE pad that only covers the vias for the top
layer while the remainder of the second layer is empty
(see Figure 7). The other version fills the second layer
with SENSE connected copper (see Figure 8). The third
layer is 1oz copper tied to ground while the bottom layer
is 2oz copper tied to ground except for a few signal traces.
The curves demonstrate that the heat from the MOSFET
can be effectively transferred out of the package through
the OUT pins and only requires a minimum sized SENSE
pad under the package. However for small boards the
larger SENSE area does reduce the junction temperature
when sourcing higher currents.
Additional Applications
TheLTC4234hasawideoperatingrangefrom2.9Vto15V.
The UV, OV and PG thresholds are set with few resistors.
All other functions are independent of supply voltage.
In addition to Hot Swap applications, the LTC4234 also
functions as a backplane resident switch for removable
load cards (see Figure 9).
Figure 10 shows a 3.3V application with a UV threshold
of 2.87V, an OV threshold of 3.77V and a PG threshold
of 3.05V.
The last page shows a 40A parallel application where the
two LTC4234 parts each provide 20A to the load. The
PNPs prevent one LTC4234 from faulting off in current
limit until both parts hit the 22.5A limit. The PNPs are
disconnected when power good is false via the series
MOSFETs M1 and M2
Figure 7. Temperature Rise for Small SENSE Pad
Figure 8. Temperature Rise for Large SENSE Pad
∆TJB
0
0
20
40
60
80
100
120
10A
15A
20A
20
40
60
80
4234 F07
100
4234 F07
SMALL SENSE PAD (2ND LAYER)
∆TJB
0
0
20
40
60
80
100
120
10A 15A
20
40
60
80
100
20A
4234 F08
LARGE SENSE PAD (2ND LAYER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com