Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4232
Description  20A Guaranteed SOA Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4232 Datasheet HTML 12Page - Linear Technology LTC4232 Datasheet HTML 13Page - Linear Technology LTC4232 Datasheet HTML 14Page - Linear Technology LTC4232 Datasheet HTML 15Page - Linear Technology LTC4232 Datasheet HTML 16Page - Linear Technology LTC4232 Datasheet HTML 17Page - Linear Technology LTC4232 Datasheet HTML 18Page - Linear Technology LTC4232 Datasheet HTML 19Page - Linear Technology LTC4232 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC4234
17
4234fa
For more information www.linear.com/LTC4234
APPLICATIONS INFORMATION
R5
14.7k
R6
10k
R1
17.4k
ADC
R2
3.16k
C1
1µF
R3
10k
3.3V
RMON
20k
4234 F10
CL
1000µF
VDD
Z1*
UV
OUT
FB
PG
GND
IMON
LTC4234
OV
SENSE–
SENSE
INTVCC
*TVS Z1: DIODES INC. SMAJ17A
TIMER
FLT
+
VOUT
3.3V
5A
R7
10k
ISET
GATE
UV = 2.87V
OV = 3.77V
PG = 3.05V
Figure 10. 3.3V, 20A Card Resident Application with Auto-Retry
R5
150k
R6
20k
ADC
C1
1µF
*TVS Z1: DIODES INC. SMAJ17A
RMON
20k
4234 F09
VDD
PG
OUT
FB
UV
GND
IMON
ISET
GATE
LTC4234
OV
SENSE–
SENSE
INTVCC
TIMER
FLT
VOUT
12V
20A
UV = 9.88V
OV = 15.2V
PG = 10.5V
12V
R7
10k
R1
226k
Z1*
R2
20k
12V
R4
20k
R3
140k
LOAD
Figure 9. 12V, 20A Backplane Resident Application with Insertion Activated Turn-On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com