Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-CSLPM2.PC Datasheet(PDF) 6 Page - OSRAM GmbH

Part # KW-CSLPM2.PC
Description  Ceramic package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KW-CSLPM2.PC Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button KW-CSLPM2.PC Datasheet HTML 2Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 3Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 4Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 5Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 6Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 7Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 8Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 9Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
2017-09-22
6
Version 1.0
KW CSLPM2.PC
Chromaticity Coordinate Groups 3) page 24
Farbortgruppen 3) Seite 24
0,0
0,2
0,4
0,6
Cx
0,30
0,31
0,32
0,33
0,34
Cx
0,0
0,2
0,4
0,6
0,8
Cy
0,30
0,32
0,34
0,36
Cy
400 -
380 nm
500 nm
550 nm
600 nm
700 -
750 nm
8C
7C
6C
5C
4C
8D
7D
6D
5D
4D
8E
7E
6E
5E
4E
8F
7F
6F
5F
4F
8G
7G
6G
5G
4G
6500K
5700K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com