Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-CSLPM2.PC Datasheet(PDF) 4 Page - OSRAM GmbH

Part # KW-CSLPM2.PC
Description  Ceramic package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KW-CSLPM2.PC Datasheet(HTML) 4 Page - OSRAM GmbH

  KW-CSLPM2.PC Datasheet HTML 1Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 2Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 3Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 4Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 5Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 6Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 7Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 8Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
2017-09-22
4
Version 1.0
KW CSLPM2.PC
Characteristics (TS = 25 °C; IF = 700 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 3) page 24
Farbkoordinaten nach CIE 1931 3) Seite 24
(typ.)
(typ.)
Cx
Cy
0.321
0.328
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
120
°
Forward voltage
4) page 24
Durchlassspannung 4) Seite 24
(min.)
(typ.)
(max.)
VF
VF
V
F
2.70
2.85
3.20
V
V
V
Real thermal resistance junction / solder point
5) page 24
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 24
(typ.)
(max.)
R
th JS real
R
th JS real
3
3.9
K/W
K/W
"Electrical" thermal resistance junction / solder point
5) page 24
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 5) Seite 24
(with efficiency ηe = 42 %)
(typ.)
(max.)
Rth JS el
Rth JS el
1.7
2.3
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com