Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-CSLPM2.PC Datasheet(PDF) 5 Page - OSRAM GmbH

Part # KW-CSLPM2.PC
Description  Ceramic package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KW-CSLPM2.PC Datasheet(HTML) 5 Page - OSRAM GmbH

  KW-CSLPM2.PC Datasheet HTML 1Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 2Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 3Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 4Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 5Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 6Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 7Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 8Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Version 1.0
KW CSLPM2.PC
2017-09-22
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
4) page 24
Durchlassspannungsgruppen 4) Seite 24
Group
Luminous Flux 1) page 24
Luminous Flux 1) page 24
Gruppe
Lichtstrom 1) Seite 24
Lichtstrom 1) Seite 24
(min.) Φ
V [lm]
(max.) Φ
V [lm]
7M
224
250
8M
250
280
5N
280
315
6N
315
355
7N
355
400
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
0
2.70
3.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com